Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 26 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 22Page - Texas Instruments DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 117 page
background image
Table 7-13. Automatic Microstepping Interpolation Level
RES_AUTO
Interpolation
00b (default)
1/256
01b
1/128
10b
1/64
11b
1/32
Table 7-14 show both coil currents and the smooth transition between half-step mode and automatic
microstepping mode by writing 1b and 0b respectively to the EN_AUTO bit. Notice that the step frequency
is same in both half-step and 1/256 automatic microstepping modes.
Table 7-14. Transition between half-step and automatic microstepping
Transition from half-step mode to 1/256 automatic microstepping
Transition from 1/256 automatic microstepping to half-step mode
STEP
Motor Angle
1
2
3
Figure 7-8. Automatic Microstepping with Changing STEP Frequency
As shown in Figure 7-8, the interpolation is done based on the time between the two previous step pulses. The
previous interval time is interpolated to equal divisions, depending on the RES_AUTO bit setting.
When input step frequency reduces from previous interval (shown in segment '1'), the motor holds its position till
the next STEP active edge occurs. Device will go to standstill power saving mode if the EN_STSL bit is 1b, and
the next active edge does not come before tSTSL_DLY expires. Standstill power saving mode is exited on the next
STEP active edge.
When step frequency increases from previous interval (shown in segment '2'), the motor angle smoothly auto-
corrects when the next STEP active edge comes, and the indexer moves to a position corresponding to the
STEP input. In segment '3', the motor angle is incremented at a faster rate, corresponding to the step frequency
of segment '2'.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com