Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 69 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 69 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 65Page - Texas Instruments DRV8461SPWPR Datasheet HTML 66Page - Texas Instruments DRV8461SPWPR Datasheet HTML 67Page - Texas Instruments DRV8461SPWPR Datasheet HTML 68Page - Texas Instruments DRV8461SPWPR Datasheet HTML 69Page - Texas Instruments DRV8461SPWPR Datasheet HTML 70Page - Texas Instruments DRV8461SPWPR Datasheet HTML 71Page - Texas Instruments DRV8461SPWPR Datasheet HTML 72Page - Texas Instruments DRV8461SPWPR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 117 page
background image
The first device in the chain receives data from the MCU in the following format for 3-device configuration: 2
bytes of header (HDRx) followed by 3 bytes of address (Ax) followed by 3 bytes of data (Dx).
HDR1
HDR2
A3
A2
A1
D3
D2
D1
SDI1
nSCS
S3
S2
S1
HDR1
HDR2
R3
R2
R1
SDO3
S1
HDR1
HDR2
A3
A2
R1
D3
D2
SDO1 / SDI2
S2
S1
HDR1
HDR2
A3
R2
R1
D3
SDO2 / SDI3
All Address bytes
reach destination
All Data bytes
reach destination
Reads executed here
Writes executed here
Status response here
Figure 7-50. SPI Frame With Three Devices
After the data has been transmitted through the chain, the MCU receives the data string in the format shown in
Figure 7-51 for 3-device configuration: 3 bytes of status (Sx) followed by 2 bytes of header followed by 3 bytes of
report (Rx).
HDR1
HDR2
A3
A2
A1
D3
D2
D1
SDI
nSCS
S3
S2
S1
HDR1
HDR2
R3
R2
R1
SDO
Figure 7-51. SPI Data Sequence for Three Devices
The header bytes contain information of the number of devices connected in the chain, and a global clear fault
command that will clear the fault registers of all the devices on the rising edge of the chip select (nSCS) signal.
Header values N5 through N0 are 6 bits dedicated to show the number of devices in the chain. Up to 63 devices
can be connected in series for each daisy chain connection.
The 5 LSBs of the HDR2 register are don’t care bits that can be used by the MCU to determine integrity of the
daisy chain connection. Header bytes must start with 1 and 0 for the two MSBs.
HDR 1
HDR 2
1
0
N5
N4
N3
N2
N1
N0
1
0
CLR
x
x
x
x
x
No. of devices in the chain
(up to 2
6 ± 1= 63)
1 = global FAULT clear
0 = GRQ¶W FDUH
'RQ¶W FDUH
Figure 7-52. Header Bytes
The status byte provides information about the fault status register for each device in the daisy chain so that
the MCU does not have to initiate a read command to read the fault status from any particular device. This
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com