Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 42 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments DRV8461SPWPR Datasheet HTML 40Page - Texas Instruments DRV8461SPWPR Datasheet HTML 41Page - Texas Instruments DRV8461SPWPR Datasheet HTML 42Page - Texas Instruments DRV8461SPWPR Datasheet HTML 43Page - Texas Instruments DRV8461SPWPR Datasheet HTML 44Page - Texas Instruments DRV8461SPWPR Datasheet HTML 45Page - Texas Instruments DRV8461SPWPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 117 page
background image
ATQ_CNT= k1×τ×ωIFS
(13)
where k1 is a constant at a given operating condition and IFS is the full-scale current (peak of the sinusoidal
current waveform) of the stepper driver.
Equation 13 defines the basic working principle of the auto-torque algorithm. The ATQ_CNT parameter can be
used to perform motor coil current regulation based on applied load torque on the stepper motor.
Figure 7-23 shows (ATQ_LRN + ATQ_CNT) measured as a function of load torque at 2.5A full-scale current for
a hybrid bipolar NEMA 24 stepper motor rated for 2.8A. ATQ_LRN does not change with load torque, whereas
ATQ_CNT changes linearly with load torque.
Load torque (Nm)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20
40
60
80
100
120
140
160
180
200
Figure 7-23. (ATQ_LRN + ATQ_CNT) vs. load torque
After auto-torque algorithm is enabled, the learning routine must be run to estimate the ATQ_LRN parameters.
The learning routine uses the linear relation between ATQ_LRN and motor current described in Equation 12.
The user has to select two current values at which learning will be performed, with no load torque applied on
the motor. These two current values are programmed by the ATQ_LRN_MIN_CURRENT and ATQ_LRN_STEP
registers.
• Initial current level = ATQ_LRN_MIN_CURRENT x 8
• Final current level = Initial current level + ATQ_LRN_STEP
The ATQ_LRN values at these two currents are saved in the ATQ_LRN_CONST1 and ATQ_LRN_CONST2
registers. These two registers are used to interpolate ATQ_LRN value for all other currents within the operating
range of the application.
Table 7-23 lists the registers associated with auto-torque learning routine.
Table 7-23. Registers for auto-torque learning routine
Register Name
Description
ATQ_LRN_MIN_CURRENT[4:0]
Represents the initial current level for auto-torque learning routine.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com