Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 87 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 87 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 83Page - Texas Instruments DRV8461SPWPR Datasheet HTML 84Page - Texas Instruments DRV8461SPWPR Datasheet HTML 85Page - Texas Instruments DRV8461SPWPR Datasheet HTML 86Page - Texas Instruments DRV8461SPWPR Datasheet HTML 87Page - Texas Instruments DRV8461SPWPR Datasheet HTML 88Page - Texas Instruments DRV8461SPWPR Datasheet HTML 89Page - Texas Instruments DRV8461SPWPR Datasheet HTML 90Page - Texas Instruments DRV8461SPWPR Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 117 page
background image
Figure 7-81. CUSTOM_CTRL3 Register
7
6
5
4
3
2
1
0
CUSTOM_CURRENT2[7:0]
R/W-00000000b
Table 7-64. CUSTOM_CTRL3 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
CUSTOM_CURRENT2[7:0]
R/W
00000000b Current value for position 2 in first quadrant
7.5.4.4 CUSTOM_CTRL4 (address = 0x19) [Default = 00h]
CUSTOM_CTRL4 is shown in Figure 7-82 and described in Table 7-65.
Read/Write
Return to the Register Maps Table
Figure 7-82. CUSTOM_CTRL4 Register
7
6
5
4
3
2
1
0
CUSTOM_CURRENT3[7:0]
R/W-00000000b
Table 7-65. CUSTOM_CTRL4 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
CUSTOM_CURRENT3[7:0]
R/W
00000000b Current value for position 3 in first quadrant
7.5.4.5 CUSTOM_CTRL5 (address = 0x1A) [Default = 00h]
CUSTOM_CTRL5 is shown in Figure 7-83 and described in Table 7-66.
Read/Write
Return to the Register Maps Table
Figure 7-83. CUSTOM_CTRL5 Register
7
6
5
4
3
2
1
0
CUSTOM_CURRENT4[7:0]
R/W-00000000b
Table 7-66. CUSTOM_CTRL5 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
CUSTOM_CURRENT4[7:0]
R/W
00000000b Current value for position 4 in first quadrant
7.5.4.6 CUSTOM_CTRL6 (address = 0x1B) [Default = 00h]
CUSTOM_CTRL6 is shown in Figure 7-84 and described in Table 7-67.
Read/Write
Return to the Register Maps Table
Figure 7-84. CUSTOM_CTRL6 Register
7
6
5
4
3
2
1
0
CUSTOM_CURRENT5[7:0]
R/W-00000000b
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com