Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 37 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments DRV8461SPWPR Datasheet HTML 40Page - Texas Instruments DRV8461SPWPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 117 page
background image
Indexer
PI Controller
(KP, KI, KP_DIV_SEL,
KI_DIV_SEL)
M
Stepper
Driver
Current
Sense
Coil Current
Ramp
Generator
FPWM
Figure 7-17. Silent step block diagram
Table 7-22 shows the SPI register parameters related to the silent step decay mode.
Table 7-22. Silent step Parameter Table
Parameter
Description
EN_SS
When EN_SS is 1b, silent step decay mode is enabled. Device starts operating with silent step after one
zero cross each for currents in coil A and coil B. Writing 0b to EN_SS disables silent step decay mode,
and the decay mode changes as per DECAY bit setting.
SS_PWM_FREQ[1:0]
Represents the PWM frequency (FPWM) in silent step decay mode.
•
00b = 25 kHz (default)
•
01b = 33 kHz
•
10b = 42 kHz
•
11b = 50 kHz
Higher PWM frequency results in more switching loss.
SS_SMPL_SEL[1:0]
Silent step current zero cross sampling time. Default value is 2 μs. If current waveform is distorted around
zero crossing, increase the sampling time.
•
00b = 2 μs (default)
•
01b = 3 μs
•
10b = 4 μs
•
11b = 5 μs
SS_KP[6:0]
Represents the proportional gain of the silent step PI controller. Has a range of 0 to 127, with a default
value of 0.
SS_KI[6:0]
Represents the integral gain of the silent step PI controller. Has a range of 0 to 127, with a default value of
0.
SS_KP_DIV_SEL[2:0]
Divider factor for KP. Actual KP = SS_KP / SS_KP_DIV_SEL.
•
000b - SS_KP/32 (default)
•
001b - SS_KP/64
•
010b - SS_KP/128
•
011b - SS_KP/256
•
100b - SS_KP/512
•
101b - SS_KP/16
•
110b - SS_KP
SS_KI_DIV_SEL[2:0]
Divider factor for KI. Actual KI = SS_KI / SS_KI_DIV_SEL.
•
000b - SS_KI/32 (default)
•
001b - SS_KI/64
•
010b - SS_KI/128
•
011b - SS_KI/256
•
100b - SS_KI/512
•
101b - SS_KI/16
•
110b - SS_KI
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com