Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 83 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 83 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 79Page - Texas Instruments DRV8461SPWPR Datasheet HTML 80Page - Texas Instruments DRV8461SPWPR Datasheet HTML 81Page - Texas Instruments DRV8461SPWPR Datasheet HTML 82Page - Texas Instruments DRV8461SPWPR Datasheet HTML 83Page - Texas Instruments DRV8461SPWPR Datasheet HTML 84Page - Texas Instruments DRV8461SPWPR Datasheet HTML 85Page - Texas Instruments DRV8461SPWPR Datasheet HTML 86Page - Texas Instruments DRV8461SPWPR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 117 page
background image
Table 7-53. CTRL13 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-2
TSTSL_DLY[5:0]
R/W
000100b
Controls the delay between last STEP pulse and activation of
standstill power saving mode.
•
000000b: Reserved
•
000001b: Delay = 1 x 16 ms = 16 ms
•
............
•
000100b: Delay = 4 x 16 ms = 64 ms
•
............
•
111111b: Delay = 63 x 16 ms = 1.008 s
1
VREF_INT_EN
R/W
0b
When this bit is 1b, the device uses the internal 3.3 V reference
for current regulation, and the voltage on the VREF pin is
ignored.
0
RSVD
R/W
0b
Reserved
Note
Do not set TSTSL_DLY to 000000b.
7.5.2.14 CTRL14 (address = 0x3C) [Default = 58h]
CTRL14 is shown in Figure 7-73 and described in Table 7-54.
Read only
Return to the Register Maps Table
Figure 7-73. CTRL14 Control Register
7
6
5
4
3
2
1
0
VM_ADC[4:0]
RSVD
R-01011b
R-000b
Table 7-54. CTRL14 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-3
VM_ADC[4:0]
R
01011b
Outputs the value of the supply voltage, monitored by an internal
ADC.
•
00000b: VVM = 0 V
•
................................
•
01011b: VVM = 24 V
•
.................................
•
11111b: VVM = 65 V
2-0
RSVD
R
000b
Reserved
7.5.3 Indexer Registers
The indexer registers provide current values for coil A, and the position in the microstep table for the currents in
coil A and coil B. Indexer registers are read only.
Table 7-55 lists the memory-mapped registers for the indexer registers. All register offset addresses not listed in
Table 7-55 should be considered as reserved locations and the register contents should not be modified.
Table 7-55. Indexer Registers Summary Table
Address
Register Name
Section
0x11
INDEX1
Go
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com