Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 6Page - Texas Instruments DRV8461SPWPR Datasheet HTML 7Page - Texas Instruments DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments DRV8461SPWPR Datasheet HTML 10Page - Texas Instruments DRV8461SPWPR Datasheet HTML 11Page - Texas Instruments DRV8461SPWPR Datasheet HTML 12Page - Texas Instruments DRV8461SPWPR Datasheet HTML 13Page - Texas Instruments DRV8461SPWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
Typical values are at TA = 25°C and VVM = 24 V. All limits are over recommended operating conditions, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS(ONL)
Low-side FET on resistance
TJ = 25 °C, IO = 3 A
150
175
mΩ
TJ = 125 °C, IO = 3 A
225
285
mΩ
TJ = 150 °C, IO = 3 A
255
325
mΩ
ILEAK
Output leakage current to ground
in Disable mode(1)
H-bridges are Hi-Z, VVM = 65 V
200
μA
tRF
Output rise/fall time
H/W interface, IO = 3 A, between 10%
and 90%
140
ns
SPI interface, SR = 0b, IO = 3 A,
between 10% and 90%
140
SPI interface, SR = 1b, IO = 3 A,
between 10% and 90%
70
tD
Output dead time
VM = 24V, IO = 3 A
300
ns
PWM CURRENT CONTROL (VREF)
KV
Transimpedance gain
VREF = 3.3 V
1.045
1.1
1.164
V/A
IVREF
VREF Pin Leakage Current
VREF = 3.3 V
20
nA
tOFF
PWM off-time
TOFF = 0 or TOFF = 00b
9
μs
TOFF = 1 or TOFF = 01b
19
TOFF = Hi-Z or TOFF = 10b
27
TOFF = 330kΩ to GND or TOFF = 11b
35
ΔITRIP_EXT
Current trip accuracy, external
VREF input
10% to 20% full-scale current
-10
10
%
20% to 40% full-scale current
-6
6
40% to 100% full-scale current
-5.5
5.5
ΔITRIP_INT
Current trip accuracy, internal
VREF
10% to 20% full-scale current
-10
10
%
20% to 40% full-scale current
-7
7
40% to 100% full-scale current
-6.5
6.5
IO,CH
AOUT and BOUT current
matching
100% full-scale current
-2.5
2.5
%
tBLK
Current regulation blanking time
SPI interface, TBLANK_TIME = 00b
1
μs
H/W interface or SPI interface,
TBLANK_TIME = 01b
1.5
SPI interface, TBLANK_TIME = 10b
2
SPI interface, TBLANK_TIME = 11b
2.5
tDEG
Current regulation deglitch time
0.5
μs
PROTECTION CIRCUITS
VMUVLO
VM UVLO lockout
VM falling
4.1
4.25
4.35
V
VM rising
4.2
4.35
4.46
VCCUVLO
VCC UVLO lockout
VCC connected to external voltage,
VCC falling
2.7
2.8
2.9
V
VCC connected to external voltage,
VCC rising
2.78
2.9
3.05
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com