Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 71 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 71 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 67Page - Texas Instruments DRV8461SPWPR Datasheet HTML 68Page - Texas Instruments DRV8461SPWPR Datasheet HTML 69Page - Texas Instruments DRV8461SPWPR Datasheet HTML 70Page - Texas Instruments DRV8461SPWPR Datasheet HTML 71Page - Texas Instruments DRV8461SPWPR Datasheet HTML 72Page - Texas Instruments DRV8461SPWPR Datasheet HTML 73Page - Texas Instruments DRV8461SPWPR Datasheet HTML 74Page - Texas Instruments DRV8461SPWPR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 117 page
background image
Microcontroller
DRV8461 (3)
DRV8461 (2)
DRV8461 (1)
SPI
SPI
SPI
M-CS1
M-CS2
M-CS3
M-CLK
M-SDO
M-SDI
SDI1
SDO1
SDI2
SDO2
SDI3
SDO3
Figure 7-55. Three Devices Connected in Parallel Configuration
7.5 Register Maps
Table 7-33 lists the memory-mapped registers for the device. All register addresses not listed in Table 7-33
should be considered as reserved locations and the register contents must not be modified.
Table 7-33. Memory Map
Register
7
6
5
4
3
2
1
0
Type
Address
FAULT
FAULT
SPI_ERROR
UVLO
CPUV
OCP
STL
TF
OL
R
0x00
DIAG1
OCP_LS2_B
OCP_HS2_B
OCP_LS1_B
OCP_HS1_B
OCP_LS2_A
OCP_HS2_A
OCP_LS1_A
OCP_HS1_A
R
0x01
DIAG2
STSL
OTW
OTS
STL_LRN_OK
STALL
LRN_DONE
OL_B
OL_A
R
0x02
DIAG3
RSVD
NHOME
CNT_OFLW
CNT_UFLW
RSVD
NPOR
RSVD
R
0x03
CTRL1
EN_OUT
SR
IDX_RST
TOFF [1:0]
DECAY [2:0]
RW
0x04
CTRL2
DIR
STEP
SPI_DIR
SPI_STEP
MICROSTEP_MODE [3:0]
RW
0x05
CTRL3
CLR_FLT
LOCK [2:0]
TOCP
OCP_MODE
OTSD_MODE
OTW_REP
RW
0x06
CTRL4
TBLANK_TIME[1:0]
STL_LRN
EN_STL
STL_REP
STL_FRQ
STEP_FRQ_TOL[1:0]
RW
0x07
CTRL5
STALL_TH [7:0]
RW
0x08
CTRL6
RC_RIPPLE[1:0]
DIS_SSC
TRQ_SCALE
STALL_TH[11:8]
RW
0x09
CTRL7
TRQ_COUNT [7:0]
R
0x0A
CTRL8
RSVD
TRQ_COUNT[11:8]
R
0x0B
CTRL9
EN_OL
OL_MODE
OL_T[1:0]
STEP_EDGE
RES_AUTO[1:0]
EN_AUTO
RW
0x0C
CTRL10
ISTSL[7:0]
RW
0x0D
CTRL11
TRQ_DAC[7:0]
RW
0x0E
CTRL12
EN_STSL
TSTSL_FALL[3:0]
RSVD
RW
0x0F
CTRL13
TSTSL_DLY[5:0]
VREF_INT_EN
RSVD
RW
0x10
INDEX1
CUR_A_POS[7:0]
R
0x11
INDEX2
CUR_A_SIGN
RSVD
R
0x12
INDEX3
CUR_B_POS[7:0]
R
0x13
INDEX4
CUR_B_SIGN
RSVD
CUR_A[1:0]
R
0x14
INDEX5
CUR_A[9:2]
R
0x15
CUSTOM_CTRL1
RSVD
EN_CUSTOM
RW
0x16
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com