Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 72 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 72 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 68Page - Texas Instruments DRV8461SPWPR Datasheet HTML 69Page - Texas Instruments DRV8461SPWPR Datasheet HTML 70Page - Texas Instruments DRV8461SPWPR Datasheet HTML 71Page - Texas Instruments DRV8461SPWPR Datasheet HTML 72Page - Texas Instruments DRV8461SPWPR Datasheet HTML 73Page - Texas Instruments DRV8461SPWPR Datasheet HTML 74Page - Texas Instruments DRV8461SPWPR Datasheet HTML 75Page - Texas Instruments DRV8461SPWPR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 117 page
background image
Table 7-33. Memory Map (continued)
Register
7
6
5
4
3
2
1
0
Type
Address
CUSTOM_CTRL2
CUSTOM_CURRENT1[7:0]
RW
0x17
CUSTOM_CTRL3
CUSTOM_CURRENT2[7:0]
RW
0x18
CUSTOM_CTRL4
CUSTOM_CURRENT3[7:0]
RW
0x19
CUSTOM_CTRL5
CUSTOM_CURRENT4[7:0]
RW
0x1A
CUSTOM_CTRL6
CUSTOM_CURRENT5[7:0]
RW
0x1B
CUSTOM_CTRL7
CUSTOM_CURRENT6[7:0]
RW
0x1C
CUSTOM_CTRL8
CUSTOM_CURRENT7[7:0]
RW
0x1D
CUSTOM_CTRL9
CUSTOM_CURRENT8[7:0]
RW
0x1E
ATQ_CTRL1
ATQ_CNT[7:0]
R
0x1F
ATQ_CTRL2
ATQ_CNT[10:8]
RSVD
ATQ_LRN_CONST1[10:8]
RW
0x20
ATQ_CTRL3
ATQ_LRN_CONST1[7:0]
RW
0x21
ATQ_CTRL4
ATQ_LRN_MIN_CURRENT[4:0]
ATQ_LRN_CONST2[10:8]
RW
0x22
ATQ_CTRL5
ATQ_LRN_CONST2[7:0]
RW
0x23
ATQ_CTRL6
ATQ_UL[7:0]
RW
0x24
ATQ_CTRL7
ATQ_LL[7:0]
RW
0x25
ATQ_CTRL8
KP[7:0]
RW
0x26
ATQ_CTRL9
RSVD
KD[3:0]
RW
0x27
ATQ_CTRL10
ATQ_EN
LRN_START
ATQ_FRZ[2:0]
ATQ_AVG[2:0]
RW
0x28
ATQ_CTRL11
ATQ_TRQ_MIN[7:0]
RW
0x29
ATQ_CTRL12
ATQ_TRQ_MAX[7:0]
RW
0x2A
ATQ_CTRL13
ATQ_D_THR[7:0]
RW
0x2B
ATQ_CTRL14
RSVD
RW
0x2C
ATQ_CTRL15
ATQ_ERROR_TRUNCATE[3:0]
ATQ_LRN_STEP[1:0]
ATQ_LRN_CYCLE_SELECT[1:0]
RW
0x2D
ATQ_CTRL16
ATQ_TRQ_DAC[7:0]
R
0x2E
ATQ_CTRL17
RSVD
VM_SCALE
RSVD
RW
0x2F
ATQ_CTRL18
RSVD
RW
0x30
SS_CTRL1
SS_SMPL_SEL[1:0]
RSVD
SS_PWM_FREQ[1:0]
RSVD
EN_SS
RW
0x31
SS_CTRL2
SS_KP[7:0]
RW
0x32
SS_CTRL3
SS_KI[7:0]
RW
0x33
SS_CTRL4
RSVD
SS_KI_DIV_SEL[2:0]
RSVD
SS_KP_DIV_SEL[2:0]
RW
0x34
SS_CTRL5
SS_THR[7:0]
RW
0x35
CTRL 14
VM_ADC[4:0]
RSVD
RW
0x3C
Complex bit access types are encoded to fit into small table cells. Table 7-34 shows the codes that are used for
access types in this section.
Table 7-34. Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
72
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com