Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 41 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments DRV8461SPWPR Datasheet HTML 40Page - Texas Instruments DRV8461SPWPR Datasheet HTML 41Page - Texas Instruments DRV8461SPWPR Datasheet HTML 42Page - Texas Instruments DRV8461SPWPR Datasheet HTML 43Page - Texas Instruments DRV8461SPWPR Datasheet HTML 44Page - Texas Instruments DRV8461SPWPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 117 page
background image
The Auto-torque algorithm implemented in the DRV8461 improves system efficiency by dynamically changing
the output current according to the load torque. Whenever the load torque is low, the output current is lowered to
reduce resistive losses; and when the load torque goes up, the output current increases immediately to prevent
motor step loss. This concept is shown in Figure 7-22. As a result of improved efficiency due to auto-torque, the
system runs at a lower temperature, which extends the lifetime of the components. Auto-torque can also enable
the use of cheaper and smaller sized stepper motors.
Power Saving
Op mal Current
Output Current
Time
Maximum Torque
Figure 7-22. Power Saving with Auto-torque
The auto-torque feature is enabled by writing 1b to the ATQ_EN bit.
7.3.12.1 Auto-torque Learning Routine
In a stepper motor system, the total power delivered by the power supply goes into providing for the torque
requirement of the load and into power losses such as resistive losses caused by motor winding resistance and
driver ON resistance. This is represented by Equation 11:
Power delivered by supply=Constant losses+ τ×ω
(11)
where τ is load torque and ω is motor speed.
From Equation 11, we can observe that when the load torque increases, the power delivered by the supply
increases as well. The auto-torque algorithm obtains information about the load-torque by monitoring the power
delivered by the supply. The constant losses are represented by the ATQ_LRN parameter, and the ATQ_CNT
parameter represents the power required to support the load torque.
For any given motor, ATQ_LRN is directly proportional to the coil current. This can be expressed by Equation 12:
ATQ_LRN= k×IMVVM
(12)
where IM is the motor current, VVM is the supply voltage to the driver and k is a constant. Equation 12 gives
a linear relationship between the ATQ_LRN and the motor current. The auto-torque learning routine learns
ATQ_LRN values at any two currents at no load, and then uses this relation to interpolate ATQ_LRN value at
any other current.
The ATQ_CNT parameter represents the component of the delivered power that supports the load torque. This
relation can be expressed by Equation 13.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com