Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 117 page
background image
7.3.9 Current Regulation Decay Modes
During PWM current chopping, the H-bridge is enabled to drive through the motor winding until the PWM current
chopping threshold is reached. This is shown in Figure 7-11, Item 1.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay.
• In fast decay mode, as soon as the PWM chopping current level is reached, the H-bridge reverses state by
switching on the opposite arm MOSFETs to allow the winding current to flow in the opposite direction. As the
winding current approaches zero, the H-bridge is disabled to prevent further reverse current flow. Fast decay
mode is shown in Figure 7-11, item 2.
• In slow decay mode, the winding current is re-circulated by enabling both low-side MOSFETs in the H-bridge.
This is shown in Figure 7-11, Item 3.
xOUT1
xOUT2
1
2
Forward drive
Slow decay
VM
3 Fast decay (Reverse drive)
2
1
3
Slow decay
Fast decay
Mixed decay
PWM ON
PWM OFF
TBLK
ITRIP
TDEG
TFAST
Figure 7-11. Decay Modes
The decay mode is selected by the DECAY register or the DECAY0 and DECAY1 pins, as shown in Table 7-18.
The decay modes can be changed on the fly.
Table 7-18. Decay Mode Settings
SPI Interface
H/W Interface
Decay Mode
DECAY
DECAY0
DECAY1
000b
Hi-Z
1
Slow decay
100b
1
0
Mixed decay: 30% fast
101b
Hi-Z
0
Mixed decay: 60% fast
110b
0
0
Smart tune Dynamic Decay
111b (default)
0
1
Smart tune Ripple Control
Note
The remaining settings of DECAY bit (001b, 010b, 011b) and the (DECAY0 = 1, DECAY1 = 1) setting
are reserved.
The DRV8461 also features the silent step decay mode for ultra-silent operation at low speed and standstill. See
Section 7.3.11 for details.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com