Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 56 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 52Page - Texas Instruments DRV8461SPWPR Datasheet HTML 53Page - Texas Instruments DRV8461SPWPR Datasheet HTML 54Page - Texas Instruments DRV8461SPWPR Datasheet HTML 55Page - Texas Instruments DRV8461SPWPR Datasheet HTML 56Page - Texas Instruments DRV8461SPWPR Datasheet HTML 57Page - Texas Instruments DRV8461SPWPR Datasheet HTML 58Page - Texas Instruments DRV8461SPWPR Datasheet HTML 59Page - Texas Instruments DRV8461SPWPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 117 page
background image
– FAULT bit becomes 0b
– UVLO bit stays at 0b
– nFAULT pin is pulled high.
VRST UVLO reset
or VCC UVLO
VUVLO rising
VUVLO falling
Device Status
SPI available
Digital Alive
Outputs switching
CP enabled
UVLO, FAULT bits 0b*
nFAULT high
Time
VM Voltage
SPI available
Digital Alive
Outputs Hi-Z
CP disabled
UVLO, FAULT bits 1b
nFAULT low
SPI unavailable
Digital Reset
Outputs Hi-Z
CP disabled
UVLO, FAULT bits 0b
nFAULT High
SPI available
Digital Alive
Outputs Hi-Z
CP disabled
UVLO bit 0b
FAULT bit 1b
nFAULT low
* FAULT bit will be 0b if no fault is present
SPI available
Digital Alive
Outputs switching
CP enabled
UVLO, FAULT bits 0b*
nFAULT high
Figure 7-40. Supply Voltage Ramp Profile
7.3.19.2 VCP Undervoltage Lockout (CPUV)
If at any time the voltage on the VCP pin falls below the CPUV voltage:
• All the outputs are disabled (High-Z)
• nFAULT pin is driven low
• The charge pump remains active
• For the SPI version, the FAULT and CPUV bits are made 1b
Normal operation resumes (motor-driver operation and nFAULT released) when the VCP undervoltage condition
is removed. The CPUV bit remains at 1b until it is cleared through the CLR_FLT bit or an nSLEEP reset pulse.
7.3.19.3 Logic Supply Power on Reset (POR)
If at any time the voltage on the VCC pin falls below the VCCUVLO threshold:
• All the outputs are disabled (High-Z)
• Charge pump is disabled.
VCC UVLO is not reported on the nFAULT pin. Normal motor-driver operation resumes when the VCC
undervoltage condition is removed.
When device operates with SPI interface:
• The NPOR bit is reset and latched 0b once VCC goes above the UVLO threshold.
• NPOR remains in reset condition until cleared through the CLR_FLT bit or nSLEEP reset pulse.
• After power up, NPOR is automatically latched 1b once the CLR_FLT command is issued.
The VCC UVLO scenario is shown in Figure 7-41.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
56
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com