Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 98 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 98 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 94Page - Texas Instruments DRV8461SPWPR Datasheet HTML 95Page - Texas Instruments DRV8461SPWPR Datasheet HTML 96Page - Texas Instruments DRV8461SPWPR Datasheet HTML 97Page - Texas Instruments DRV8461SPWPR Datasheet HTML 98Page - Texas Instruments DRV8461SPWPR Datasheet HTML 99Page - Texas Instruments DRV8461SPWPR Datasheet HTML 100Page - Texas Instruments DRV8461SPWPR Datasheet HTML 101Page - Texas Instruments DRV8461SPWPR Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 117 page
background image
Table 7-93. SS_CTRL3 Register Field Descriptions
Bit
Field
Type
Default
Description
7
RSVD
R/W
0b
Reserved.
6-0
SS_KI[6:0]
R/W
0000000b
Represents the integral gain of the silent step PI controller. Has
a range of 0 to 127, with a default value of 0.
7.5.6.4 SS_CTRL4 (address = 0x34) [Default = 00h]
SS_CTRL4 is shown in Figure 7-109 and described in Table 7-94.
Read/Write
Return to the Register Maps Table
Figure 7-109. SS_CTRL4 Register
7
6
5
4
3
2
1
0
RSVD
SS_KI_DIV_SEL[2:0]
RSVD
SS_KP_DIV_SEL[2:0]
R/W-0b
R/W-000b
R/W-0b
R/W-000b
Table 7-94. SS_CTRL4 Register Field Descriptions
Bit
Field
Type
Default
Description
7
RSVD
R/W
0b
Reserved
6-4
SS_KI_DIV_SEL[2:0]
R/W
000b
Divider factor for KI. Actual KI = SS_KI / SS_KI_DIV_SEL
•
000b - SS_KI/32
•
001b - SS_KI/64
•
010b - SS_KI/128
•
011b - SS_KI/256
•
100b - SS_KI/512
•
101b - SS_KI/16
•
110b - SS_KI
3-1
RSVD
R/W
0b
Reserved
0
SS_KP_DIV_SEL[2:0]
R/W
000b
Divider factor for KP. Actual KP = SS_KP / SS_KP_DIV_SEL.
•
000b - SS_KP/32
•
001b - SS_KP/64
•
010b - SS_KP/128
•
011b - SS_KP/256
•
100b - SS_KP/512
•
101b - SS_KP/16
•
110b - SS_KP
7.5.6.5 SS_CTRL5 (address = 0x35) [Default = FFh]
SS_CTRL5 is shown in Figure 7-110 and described in Table 7-95.
Read/Write
Return to the Register Maps Table
Figure 7-110. SS_CTRL5 Register
7
6
5
4
3
2
1
0
SS_THR[7:0]
R/W-11111111b
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
98
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com