Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 65 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 65 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 61Page - Texas Instruments DRV8461SPWPR Datasheet HTML 62Page - Texas Instruments DRV8461SPWPR Datasheet HTML 63Page - Texas Instruments DRV8461SPWPR Datasheet HTML 64Page - Texas Instruments DRV8461SPWPR Datasheet HTML 65Page - Texas Instruments DRV8461SPWPR Datasheet HTML 66Page - Texas Instruments DRV8461SPWPR Datasheet HTML 67Page - Texas Instruments DRV8461SPWPR Datasheet HTML 68Page - Texas Instruments DRV8461SPWPR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 117 page
background image
nFAULT pin can be tied to the DVDD pin with a resistor. For a 3.3-V or 1.8-V pullup, an external supply must be
used.
Output
nFAULT
Figure 7-46. nFAULT Pin
7.3.19.11 Fault Condition Summary
Table 7-28. Fault Condition Summary
FAULT
CONDITION
CONFIGURATION
ERROR
REPORT
H-
BRIDGE
CHARGE
PUMP
INDEXER
LOGIC
RECOVERY
VM undervoltage
(UVLO)
VM < VUVLO
—
nFAULT /
SPI
Disabled
Disabled
Disabled
Reset
VM > VUVLO
VCP
undervoltage
(CPUV)
VCP < VCPUV
—
nFAULT /
SPI
Disabled
Operating
Operating Operating
VCP > VCPUV
Logic Supply
POR
VCC <
VCCUVLO
—
SPI
Disabled
Disabled
Disbaled
Reset
VCC > VCCUVLO
Overcurrent
(OCP)
IOUT > IOCP
OCP_MODE = 0b /
ENABLE = Hi-Z
nFAULT /
SPI
Disabled
Operating
Operating Operating
Latched:
CLR_FLT /
nSLEEP reset
pulse
OCP_MODE = 1b /
ENABLE = 1
nFAULT /
SPI
Disabled
Operating
Operating Operating
Automatic retry:
tRETRY
Open Load (OL)
No load
detected
OL_MODE = 1b /
ENABLE
= 1
nFAULT /
SPI
Operating
Operating
Operating Operating
Automatic
OL_MODE = 0b /
ENABLE
= Hi-Z
nFAULT /
SPI
Operating
Operating
Operating Operating
Latched:
CLR_FLT /
nSLEEP reset
pulse
Stall Detection
(STALL)
Stall / stuck
motor
STL_REP = 0b
SPI
Operating
Operating
Operating Operating
CLR_FLT /
nSLEEP reset
pulse
STL_REP = 1b
nFAULT /
SPI
Operating
Operating
Operating Operating
Overtemperature
Warning (OTW)
TJ > TOTW
TW_REP = 1b
nFAULT /
SPI
Operating
Operating
Operating Operating Automatic: T
J <
TOTW - THYS_OTW
TW_REP = 0b
SPI
Operating
Operating
Operating Operating
Thermal
Shutdown
(OTSD)
TJ > TOTSD
OTSD_MODE = 0b /
ENABLE = Hi-Z
nFAULT /
SPI
Disabled
Disabled
Operating Operating
Latched:
CLR_FLT /
nSLEEP reset
pulse
OTSD_MODE = 1b /
ENABLE = 1
nFAULT/
SPI
Disabled
Disabled
Operating Operating
Automatic: TJ <
TOTSD -
THYS_OTSD
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com