Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 24 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 20Page - Texas Instruments DRV8461SPWPR Datasheet HTML 21Page - Texas Instruments DRV8461SPWPR Datasheet HTML 22Page - Texas Instruments DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 117 page
background image
Table 7-11. STEP frequency filtering
FRQ_CHG
STEP_FRQ_TOL
Filtering
0b (default)
00b
1%
01b (default)
2%
10b
4%
11b
6%
1b
Don't care
No filtering
7.3.5 Indexer Output
The DRV8461 features the INDEX registers to indicate the expected microstep current and position of the motor
to the user.
• CUR_A_POS register and CUR_A_SIGN bit indicate the position of coil A current in the indexer table.
• CUR_B_POS register and CUR_B_SIGN bit indicate the position of coil B current in the indexer table.
• CUR_A register indicates the value of expected coil A current, which is sin (90° x CUR_A_POS / 255).
• Current will be positive if the corresponding sign bit is 1b and negative if the sign bit is 0b.
Table 7-12 shows the outputs of the CUR_A_POS and CUR_B_POS registers for a current waveform
corresponding to 1/256 microstepping.
Table 7-12. Indexer Output Table
Current Quadrant
CUR_A_POS
CUR_A_SIGN
CUR_B
CUR_B_SIGN
First (0° -> 90°)
0 -> 255
1b
255 -> 0
1b
Second (90° -> 180°)
255 -> 0
1b
0 -> 255
0b
Third (180° -> 270°)
0 -> 255
0b
255 -> 0
0b
Fourth (270° -> 360°)
255 -> 0
0b
0 -> 255
1b
The Indexer outputs together with the nHOME signal allow determination of the motor position within the
electrical wave. They can be compared with an encoder output to detect discrepancies in the movement of the
motor - such as detecting step loss.
7.3.5.1 nHOME Output
For the DDW package, when the microstepping indexer reaches the home position (electrical angle of 45°),
corresponding to 71% of full-scale current in both coils, the open-drain nHOME output is pulled low. At all other
times, the nHOME output will be pulled high. When the device operates with SPI interface, additionally the
NHOME bit in SPI register becomes 0b when the indexer reaches home position.
Therefore, the nHOME output gives one low pulse per electrical rotation, i.e. one pulse per each four fullsteps,
as shown in Figure 7-6. The nHOME low pulse thus corresponds to a defined position of the motor for every four
fullsteps. A more precise homing of the motor can be achieved by combining nHOME with a mechanical home
switch.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com