Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 33 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 117 page
background image
tBLANK
tOFF
tDRIVE
ITRIP
tBLANK
tDRIVE
tBLANK
tDRIVE
ITRIP
tBLANK
tDRIVE
tOFF
tOFF
tBLANK
tDRIVE
tFAST
tOFF
tBLANK
tDRIVE
tFAST
Figure 7-14. Smart tune Dynamic Decay Mode
Smart tune Dynamic Decay dynamically adjusts the fast decay percentage of the total mixed decay time. This
eliminates the need for motor decay tuning by automatically determining the best mixed decay setting that
results in the lowest ripple and best performance for the motor.
The fast decay percentage is optimized iteratively each PWM cycle. If the motor current overshoots the target
ITRIP level, then the mixed decay mode becomes more aggressive (by increasing fast decay percentage) on the
next cycle to prevent loss of current regulation. If a long drive time must occur to reach the target ITRIP level, the
decay mode becomes less aggressive (by reducing fast decay percentage) on the next cycle to operate with less
ripple. On falling steps, smart tune Dynamic Decay automatically switches to fast decay to reach the next step
quickly.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com