Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 68 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 68 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 64Page - Texas Instruments DRV8461SPWPR Datasheet HTML 65Page - Texas Instruments DRV8461SPWPR Datasheet HTML 66Page - Texas Instruments DRV8461SPWPR Datasheet HTML 67Page - Texas Instruments DRV8461SPWPR Datasheet HTML 68Page - Texas Instruments DRV8461SPWPR Datasheet HTML 69Page - Texas Instruments DRV8461SPWPR Datasheet HTML 70Page - Texas Instruments DRV8461SPWPR Datasheet HTML 71Page - Texas Instruments DRV8461SPWPR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 117 page
background image
• For a write command, the existing data in the register being written to is shifted out on the SDO pin following
the 8-bit command data.
The SDI input data word is 16 bits long and consists of the following format, as shown in Table 7-31:
• Command byte (first 8 bits)
– MSB bit indicates frame type (bit B15 = 0 for standard frame).
– Next to MSB bit, W0, indicates read or write operation (bit B14, write = 0, read = 1)
– Followed by 6 address bits, A[5:0] (bits B13 through B8)
• Data byte (last 8 bits)
– Last 8 bits indicate data, D[7:0] (bits B7 through B0). For a read operation, these bits are typically set to
null values, while for a write operation, these bits have the data value for the addressed register.
Table 7-31. SDI - Standard Frame Format
R/W
ADDRESS
DATA
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
0
W0
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
The SDO output data word is 16 bits long and consists of the following format, as shown in Table 7-32:
• Status byte (first 8 bits)
– 2 MSB bits are forced high (B15, B14 = 1).
– Following 6 bits are from the FAULT register (bits B13 through B8)
• Report byte (last 8 bits)
– The last 8 bits (B7:B0) are either the data currently in the register being read for a read operation (W0 =1),
or, existing data in the register being written to for a write command (W0 = 0).
Table 7-32. SDO Output Data Word Format
STATUS
REPORT
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
1
1
UVLO
CPUV
OCP
STL
TF
OL
D7
D6
D5
D4
D3
D2
D1
D0
7.4.1.2 SPI for Multiple Target Devices in Daisy Chain Configuration
Multiple devices can be connected to the controller with and without the daisy chain. For connecting a 'n' number
of devices to a controller without using a daisy chain, 'n' number of GPIO resources from controller have to be
utilized for nSCS pins. Whereas, if the daisy chain configuration is used, a single nSCS line can be used for
connecting multiple devices.
Figure 7-49 shows the topology when three devices are connected in daisy chain. This configuration saves
GPIO ports when multiple devices are communicating to the same controller.
Commander
DRV8461 (1)
DRV8461 (2)
DRV8461 (3)
SDI1
SDO1 / SDI2
SDO2 / SDI3
SDO3
M-SDO
M-nSCS
M-SCLK
M-SDI
Figure 7-49. Three Devices Connected in Daisy Chain
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
68
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com