Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 95 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 95 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 91Page - Texas Instruments DRV8461SPWPR Datasheet HTML 92Page - Texas Instruments DRV8461SPWPR Datasheet HTML 93Page - Texas Instruments DRV8461SPWPR Datasheet HTML 94Page - Texas Instruments DRV8461SPWPR Datasheet HTML 95Page - Texas Instruments DRV8461SPWPR Datasheet HTML 96Page - Texas Instruments DRV8461SPWPR Datasheet HTML 97Page - Texas Instruments DRV8461SPWPR Datasheet HTML 98Page - Texas Instruments DRV8461SPWPR Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 117 page
background image
Table 7-86. ATQ_CTRL15 Register Field Descriptions (continued)
Bit
Field
Type
Default
Description
3-2
ATQ_LRN_STEP[1:0]
R/W
00b
Represents the increment to initial current level. It supports four
options -
•
00b : ATQ_LRN_STEP = 128
•
01b : ATQ_LRN_STEP = 16
•
10b : ATQ_LRN_STEP = 32
•
11b : ATQ_LRN_STEP = 64
Example : If ATQ_LRN_STEP = 10b and
ATQ_LRN_MIN_CURRENT = 11000b, then -
•
Initial learn current level = 24*8 = 192
•
Final learn current level = 192 + 32 = 224
1-0
ATQ_LRN_CYCLE_SELECT[1:0]
R/W
00b
Represents the number of electrical half cycles spent in one
current level after which the learning routine allows the current
to jump to the other level. It supports four options -
•
00b : 8 half-cycles
•
01b : 16 half-cycles
•
10b : 24 half-cycles
•
11b : 32 half-cycles
7.5.5.16 ATQ_CTRL16 (address = 0x2E) [Default = FFh]
ATQ_CTRL16 is shown in Figure 7-103 and described in Table 7-87.
Read only
Return to the Register Maps Table
Figure 7-103. ATQ_CTRL16 Register
7
6
5
4
3
2
1
0
ATQ_TRQ_DAC[7:0]
R-11111111b
Table 7-87. ATQ_CTRL16 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
ATQ_TRQ_DAC[7:0]
R
11111111b
Outputs the value of motor current when auto-torque is
enabled. ATQ_TRQ_DAC can vary between ATQ_TRQ_MIN
and ATQ_TRQ_MAX.
Note
When auto-torque is disabled, ATQ_TRQ_DAC reads the value programmed to ATQ_TRQ_MAX.
7.5.5.17 ATQ_CTRL17 (address = 0x2F) [Default = 00h]
ATQ_CTRL17 is shown in Figure 7-104 and described in Table 7-88.
Read/Write
Return to the Register Maps Table
Figure 7-104. ATQ_CTRL17 Register
7
6
5
4
3
2
1
0
RSVD
VM_SCALE
RSVD
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com