Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 74 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 74 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 70Page - Texas Instruments DRV8461SPWPR Datasheet HTML 71Page - Texas Instruments DRV8461SPWPR Datasheet HTML 72Page - Texas Instruments DRV8461SPWPR Datasheet HTML 73Page - Texas Instruments DRV8461SPWPR Datasheet HTML 74Page - Texas Instruments DRV8461SPWPR Datasheet HTML 75Page - Texas Instruments DRV8461SPWPR Datasheet HTML 76Page - Texas Instruments DRV8461SPWPR Datasheet HTML 77Page - Texas Instruments DRV8461SPWPR Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 117 page
background image
7.5.1.2 DIAG1 (address = 0x01) [Default = 00h]
DIAG1 is shown in Figure 7-57 and described in Table 7-37.
Read-only
Return to the Register Maps Table
Figure 7-57. DIAG1 Register
7
6
5
4
3
2
1
0
OCP_LS2_B
OCP_HS2_B
OCP_LS1_B
OCP_HS1_B
OCP_LS2_A
OCP_HS2_A
OCP_LS1_A
OCP_HS1_A
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
Table 7-37. DIAG1 Register Field Descriptions
Bit
Field
Type
Default
Description
7
OCP_LS2_B
R
0b
When this bit is 1b, it indicates overcurrent fault on the low-side FET of half
bridge connected to BOUT2
6
OCP_HS2_B
R
0b
When this bit is 1b, it indicates overcurrent fault on the high-side FET of half
bridge connected to BOUT2
5
OCP_LS1_B
R
0b
When this bit is 1b, it indicates overcurrent fault on the low-side FET of half
bridge connected to BOUT1
4
OCP_HS1_B
R
0b
When this bit is 1b, it indicates overcurrent fault on the high-side FET of half
bridge connected to BOUT1
3
OCP_LS2_A
R
0b
When this bit is 1b, it indicates overcurrent fault on the low-side FET of half
bridge connected to AOUT2
2
OCP_HS2_A
R
0b
When this bit is 1b, it indicates overcurrent fault on the high-side FET of half
bridge connected to AOUT2
1
OCP_LS1_A
R
0b
When this bit is 1b, it indicates overcurrent fault on the low-side FET of half
bridge connected to AOUT1
0
OCP_HS1_A
R
0b
When this bit is 1b, it indicates overcurrent fault on the high-side FET of half
bridge connected to AOUT1
7.5.1.3 DIAG2 (address = 0x02) [Default = 00h]
DIAG2 is shown in Figure 7-58 and described in Table 7-38.
Read-only
Return to the Register Maps Table
Figure 7-58. DIAG2 Register
7
6
5
4
3
2
1
0
STSL
OTW
OTS
STL_LRN_OK
STALL
LRN_DONE
OL_B
OL_A
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
Table 7-38. DIAG2 Register Field Descriptions
Bit
Field
Type
Default
Description
7
STSL
R
0b
When this bit is 1b, it indicates that the device is operating with
standstill power saving mode.
6
OTW
R
0b
When this bit is 1b, it indicates overtemperature warning.
5
OTS
R
0b
When this bit is 1b, it indicates overtemperature shutdown.
4
STL_LRN_OK
R
0b
When this bit is 1b, it indicates stall detection learning is
successful.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
74
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com