Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 18Page - Texas Instruments DRV8461SPWPR Datasheet HTML 19Page - Texas Instruments DRV8461SPWPR Datasheet HTML 20Page - Texas Instruments DRV8461SPWPR Datasheet HTML 21Page - Texas Instruments DRV8461SPWPR Datasheet HTML 22Page - Texas Instruments DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 117 page
background image
Table 7-7. Relative Current and Step Directions (continued)
1/8 STEP
1/4 STEP
1/2 STEP
FULL STEP 71%
AOUT CURRENT
(% FULL-SCALE)
BOUT CURRENT
(% FULL-SCALE)
ELECTRICAL
ANGLE (DEGREES)
11
6
92%
-38%
112.50
12
83%
-56%
123.75
13
7
4
2
71%
-71%
135.00
14
56%
-83%
146.25
15
8
38%
-92%
157.50
16
20%
-98%
168.75
17
9
5
0%
-100%
180.00
18
-20%
-98%
191.25
19
10
-38%
-92%
202.50
20
-56%
-83%
213.75
21
11
6
3
-71%
-71%
225.00
22
-83%
-56%
236.25
23
12
-92%
-38%
247.50
24
-98%
-20%
258.75
25
13
7
-100%
0%
270.00
26
-98%
20%
281.25
27
14
-92%
38%
292.50
28
-83%
56%
303.75
29
15
8
4
-71%
71%
315.00
30
-56%
83%
326.25
31
16
-38%
92%
337.50
32
-20%
98%
348.75
Table 7-8 shows the full step operation with 100% full-scale current for the DIR = 1 case. This stepping mode
consumes more power than full-step mode with 71% current, but provides a higher torque at high motor RPM.
Table 7-8. Full Step with 100% Current
FULL STEP 100%
AOUT CURRENT
(% FULL-SCALE)
BOUT CURRENT
(% FULL-SCALE)
ELECTRICAL ANGLE
(DEGREES)
1
100
100
45
2
100
-100
135
3
-100
-100
225
4
-100
100
315
Table 7-9 shows the noncircular 1/2–step operation for the DIR = 1 case. This stepping mode consumes more
power than circular 1/2-step operation, but provides a higher torque at high motor RPM.
Table 7-9. Non-Circular 1/2-Stepping Current
NON-CIRCULAR 1/2-STEP
AOUT CURRENT
(% FULL-SCALE)
BOUT CURRENT
(% FULL-SCALE)
ELECTRICAL ANGLE
(DEGREES)
1
0
100
0
2
100
100
45
3
100
0
90
4
100
–100
135
5
0
–100
180
6
–100
–100
225
7
–100
0
270
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com