Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 20 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 16Page - Texas Instruments DRV8461SPWPR Datasheet HTML 17Page - Texas Instruments DRV8461SPWPR Datasheet HTML 18Page - Texas Instruments DRV8461SPWPR Datasheet HTML 19Page - Texas Instruments DRV8461SPWPR Datasheet HTML 20Page - Texas Instruments DRV8461SPWPR Datasheet HTML 21Page - Texas Instruments DRV8461SPWPR Datasheet HTML 22Page - Texas Instruments DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 117 page
background image
7.3.2.3 Full-Scale Current Rating
The full-scale current describes the top of the sinusoid current waveform while microstepping. Because the
sinusoid amplitude is related to the RMS current, the full-scale current is also determined by the thermal
considerations of the device. The full-scale current rating is approximately √2 × IRMS for a sinusoidal current
waveform, and IRMS for a square wave current waveform (full step).
AOUT
Step Input
BOUT
Full-scale current
RMS current
Figure 7-3. Full-Scale and RMS Current
7.3.3 PWM Motor Drivers
The DRV8461 has drivers for two full H-bridges to drive the two windings of a bipolar stepper motor. Figure 7-4
shows the block diagram of the circuitry.
Gate
Drivers
VM
Current
Sense
VM
Current
Sense
AOUT1
AOUT2
PGNDA
Microstepping and
Current Regulation
Logic
Figure 7-4. PWM Motor Driver Block Diagram
7.3.4 Microstepping Indexer
Built-in indexer logic in the device allows a number of different step modes. The MICROSTEP_MODE bits in the
SPI register or the M0 and M1 pins are used to configure the step mode as shown in Table 7-5.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com