Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 86 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 86 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 82Page - Texas Instruments DRV8461SPWPR Datasheet HTML 83Page - Texas Instruments DRV8461SPWPR Datasheet HTML 84Page - Texas Instruments DRV8461SPWPR Datasheet HTML 85Page - Texas Instruments DRV8461SPWPR Datasheet HTML 86Page - Texas Instruments DRV8461SPWPR Datasheet HTML 87Page - Texas Instruments DRV8461SPWPR Datasheet HTML 88Page - Texas Instruments DRV8461SPWPR Datasheet HTML 89Page - Texas Instruments DRV8461SPWPR Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 117 page
background image
Table 7-61. Custom microstep Registers Summary Table
Address
Register Name
Section
0x16
CUSTOM_CTRL1
Go
0x17
CUSTOM_CTRL2
Go
0x18
CUSTOM_CTRL3
Go
0x19
CUSTOM_CTRL4
Go
0x1A
CUSTOM_CTRL5
Go
0x1B
CUSTOM_CTRL6
Go
0x1C
CUSTOM_CTRL7
Go
0x1D
CUSTOM_CTRL8
Go
0x1E
CUSTOM_CTRL9
Go
7.5.4.1 CUSTOM_CTRL1 (address = 0x16) [Default = 00h]
CUSTOM_CTRL1 is shown in Figure 7-79 and described in Table 7-62.
Read/Write
Return to the Register Maps Table
Figure 7-79. CUSTOM_CTRL1 Register
7
6
5
4
3
2
1
0
RSVD
EN_CUSTOM
R/W-0000000b
R/W-0b
Table 7-62. CUSTOM_CTRL1 Register Field Descriptions
Bit
Field
Type
Default
Description
7-1
RSVD
R/W
0000000b
Reserved
0
EN_CUSTOM
R/W
0b
0b = Custom microstepping table is disabled
1b = Custom microstepping table is enabled
7.5.4.2 CUSTOM_CTRL2 (address = 0x17) [Default = 00h]
CUSTOM_CTRL2 is shown in Figure 7-80 and described in Table 7-63.
Read/Write
Return to the Register Maps Table
Figure 7-80. CUSTOM_CTRL2 Register
7
6
5
4
3
2
1
0
CUSTOM_CURRENT1[7:0]
R/W-00000000b
Table 7-63. CUSTOM_CTRL2 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
CUSTOM_CURRENT1[7:0]
R/W
00000000b Current value for position 1 in first quadrant
7.5.4.3 CUSTOM_CTRL3 (address = 0x18) [Default = 00h]
CUSTOM_CTRL3 is shown in Figure 7-81 and described in Table 7-64.
Read/Write
Return to the Register Maps Table
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
86
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com