Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 78 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 78 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 74Page - Texas Instruments DRV8461SPWPR Datasheet HTML 75Page - Texas Instruments DRV8461SPWPR Datasheet HTML 76Page - Texas Instruments DRV8461SPWPR Datasheet HTML 77Page - Texas Instruments DRV8461SPWPR Datasheet HTML 78Page - Texas Instruments DRV8461SPWPR Datasheet HTML 79Page - Texas Instruments DRV8461SPWPR Datasheet HTML 80Page - Texas Instruments DRV8461SPWPR Datasheet HTML 81Page - Texas Instruments DRV8461SPWPR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 117 page
background image
Table 7-43. CTRL3 Control Register Field Descriptions (continued)
Bit
Field
Type
Default
Description
2
OCP_MODE
R/W
0b
0b = Overcurrent condition causes a latched fault
1b = Overcurrent condition fault recovery is auto-retry
1
OTSD_MODE
R/W
0b
0b = Overtemperature condition causes a latched fault
1b = Overtemperature condition fault recovery is auto-retry
0
TW_REP
R/W
0b
0b = Overtemperature or undertemperature warning is not reported on
nFAULT
1b = Overtemperature or undertemperature warning is reported on nFAULT
7.5.2.4 CTRL4 (address = 0x07) [Default = 49h]
CTRL4 control is shown in Figure 7-63 and described in Table 7-44.
Read/Write
Return to the Register Maps Table
Figure 7-63. CTRL4 Control Register
7
6
5
4
3
2
1
0
TBLANK_TIME[1:0]
STL_LRN
EN_STL
STL_REP
FRQ_CHG
STEP_FREQ_TOL[1:0]
R/W-01b
R/W-0b
R/W-0b
R/W-1b
R/W-0b
R/W-01b
Table 7-44. CTRL4 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-6
TBLANK_TIME[1:0] R/W
01b
Controls the current sense blanking time.
•
00b = 1 μs blanking time
•
01b = 1.5 μs blanking time
•
10b = 2 μs blanking time
•
11b = 2.5 μs blanking time
5
STL_LRN
R/W
0b
Write 1b to enable automatic learning of stall detection threshold. This bit
automatically returns to 0b when the stall learning process is complete.
4
EN_STL
R/W
0b
0b = Stall detection is disabled
1b = Stall detection is enabled
3
STL_REP
R/W
1b
0b = Stall detection is not reported on nFAULT
1b = Stall detection is reported on nFAULT
2
FRQ_CHG
R/W
0b
0b = STEP input is filtered as per the STEP_FRQ_TOL bits
1b = STEP input is not filtered
1-0
STEP_FRQ_TOL[1:
0]
R/W
01b
Programs the filter setting for the STEP input.
•
00b = 1% filtering
•
01b = 2% filtering
•
10b = 4% filtering
•
11b = 6% filtering
7.5.2.5 CTRL5 (address = 0x08) [Default = 03h]
CTRL5 is shown in Figure 7-64 and described in Table 7-45.
Read/Write
Return to the Register Maps Table
Figure 7-64. CTRL5 Control Register
7
6
5
4
3
2
1
0
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
78
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com