Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 77 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 77 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 73Page - Texas Instruments DRV8461SPWPR Datasheet HTML 74Page - Texas Instruments DRV8461SPWPR Datasheet HTML 75Page - Texas Instruments DRV8461SPWPR Datasheet HTML 76Page - Texas Instruments DRV8461SPWPR Datasheet HTML 77Page - Texas Instruments DRV8461SPWPR Datasheet HTML 78Page - Texas Instruments DRV8461SPWPR Datasheet HTML 79Page - Texas Instruments DRV8461SPWPR Datasheet HTML 80Page - Texas Instruments DRV8461SPWPR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 117 page
background image
Figure 7-61. CTRL2 Control Register (continued)
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-0110b
Table 7-42. CTRL2 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7
DIR
R/W
0b
Direction input. When SPI_DIR = 1b, if DIR = 1b, motor moves
in the forward direction; and when DIR = 0b, motor moves in the
reverse direction.
6
STEP
R/W
0b
Step input. Logic 1b causes the indexer to advance one step,
when SPI_STEP = 1b. This bit is self-clearing, automatically
becomes 0b after writing 1b.
5
SPI_DIR
R/W
0b
0b = Outputs follow input DIR pin for direction of stepping
1b = Outputs follow DIR bit in SPI register for direction of
stepping
4
SPI_STEP
R/W
0b
0b = Outputs follow input STEP pin for stepping
1b = Outputs follow STEP bit in SPI register for stepping
3-0
MICROSTEP_MODE [3:0]
R/W
0110b
•
0000b = Full step (2-phase excitation) with 100% current
•
0001b = Full step (2-phase excitation) with 71% current
•
0010b = Non-circular 1/2 step
•
0011b = 1/2 step
•
0100b = 1/4 step
•
0101b = 1/8 step
•
0110b = 1/16 step
•
0111b = 1/32 step
•
1000b = 1/64 step
•
1001b = 1/128 step
•
1010b = 1/256 step
•
1011b to 1111b = Reserved
7.5.2.3 CTRL3 (address = 0x06) [Default = 38h]
CTRL3 is shown in Figure 7-62 and described in Table 7-43.
Read/Write
Return to the Register Maps Table
Figure 7-62. CTRL3 Control Register
7
6
5
4
3
2
1
0
CLR_FLT
LOCK [2:0]
TOCP
OCP_MODE
OTSD_MODE
OTW_REP
R/W-0b
R/W-011b
R/W-1b
R/W-0b
R/W-0b
R/W-0b
Table 7-43. CTRL3 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7
CLR_FLT
R/W
0b
Write 1b to this bit to clear all latched fault bits. This bit automatically resets to
0b after 1b is written.
6-4
LOCK [2:0]
R/W
011b
Write 110b to lock the settings by ignoring further register writes except to
these bits and address 0x06h bit 7 (CLR_FLT). Writing any sequence other
than 110b has no effect when unlocked.
Write 011b to this register to unlock all registers. Writing any sequence other
than 011b has no effect when locked.
3
TOCP
R/W
1b
1b = Overcurrent protection deglitch time is 2.2 μs
0b = Overcurrent protection deglitch time is 1.2 μs
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com