Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 94 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 94 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 90Page - Texas Instruments DRV8461SPWPR Datasheet HTML 91Page - Texas Instruments DRV8461SPWPR Datasheet HTML 92Page - Texas Instruments DRV8461SPWPR Datasheet HTML 93Page - Texas Instruments DRV8461SPWPR Datasheet HTML 94Page - Texas Instruments DRV8461SPWPR Datasheet HTML 95Page - Texas Instruments DRV8461SPWPR Datasheet HTML 96Page - Texas Instruments DRV8461SPWPR Datasheet HTML 97Page - Texas Instruments DRV8461SPWPR Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 117 page
background image
Figure 7-100. ATQ_CTRL13 Register (continued)
ATQ_D_THR[7:0]
R/W-00000101b
Table 7-84. ATQ_CTRL13 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
ATQ_D_THR
R/W
00000101b If error change is less then ATQ_D_THR, then KD does not
contribute to correction. KD contributes only when error change
is greater than ATQ_D_THR.
For example: if ATQ_D_THR = 10,
If error change is 9, u(t) = KP * e(t)
If error change is 12, then u(t) = KP * e(t) + KD * de(t)/dt
7.5.5.14 ATQ_CTRL14 (address = 0x2C) [Default = 0Fh]
ATQ_CTRL14 is shown in Figure 7-101 and described in Table 7-85.
Read/Write
Return to the Register Maps Table
Figure 7-101. ATQ_CTRL14 Register
7
6
5
4
3
2
1
0
RSVD
R/W-00001111b
Table 7-85. ATQ_CTRL14 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
RSVD
R/W
00001111b Reserved
7.5.5.15 ATQ_CTRL15 (address = 0x2D) [Default = 00h]
ATQ_CTRL15 is shown in Figure 7-102 and described in Table 7-86.
Read/Write
Return to the Register Maps Table
Figure 7-102. ATQ_CTRL15 Register
7
6
5
4
3
2
1
0
ATQ_ERROR_TRUNCATE[3:0]
ATQ_LRN_STEP[1:0]
ATQ_LRN_CYCLE_SELECT[1:0]
R/W-0000b
R/W-00b
R/W-00b
Table 7-86. ATQ_CTRL15 Register Field Descriptions
Bit
Field
Type
Default
Description
7-4
ATQ_ERROR_TRUNCATE[3:0]
R/W
0000b
Number of LSB bits truncated from error before used in PD loop
equations. This option helps removing noise in current.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
94
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com