Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 3 Page - Texas Instruments

  DRV8461SPWPR Datasheet HTML 1Page - Texas Instruments DRV8461SPWPR Datasheet HTML 2Page - Texas Instruments DRV8461SPWPR Datasheet HTML 3Page - Texas Instruments DRV8461SPWPR Datasheet HTML 4Page - Texas Instruments DRV8461SPWPR Datasheet HTML 5Page - Texas Instruments DRV8461SPWPR Datasheet HTML 6Page - Texas Instruments DRV8461SPWPR Datasheet HTML 7Page - Texas Instruments DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 117 page
background image
5 Pin Configuration and Functions
11
13
14
15
16
18
44
43
42
41
40
39
AOUT2
BOUT2
BOUT1
PGNDB
VM
nSLEEP
ENABLE
DIR
STEP
SCLK/M1
SDI/DECAY0
Thermal
PAD
1
2
7
8
10
CPL
CPH
VCP
VM
AOUT1
38
37
36
35
34
33
SDO/DECAY1
VCC
RSVD/TOFF
VREF
nFAULT
DVDD
20
22
AOUT1
AOUT2
BOUT2
24
23
GND
BOUT1
3
VM
4
PGNDA
5
PGNDA
6
AOUT1
AOUT2
9
12
BOUT2
17
BOUT1 19
PGNDB
VM 21
nHOME
25
32
31
30
29
28
27
26
nSCS/M0
RSVD
RSVD
RSVD
RSVD
GND
MODE
Figure 5-1. DDW Package (44-Pin HTSSOP), SPI or H/W interface, Top View
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com