Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 5Page - Texas Instruments DRV8461SPWPR Datasheet HTML 6Page - Texas Instruments DRV8461SPWPR Datasheet HTML 7Page - Texas Instruments DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments DRV8461SPWPR Datasheet HTML 10Page - Texas Instruments DRV8461SPWPR Datasheet HTML 11Page - Texas Instruments DRV8461SPWPR Datasheet HTML 12Page - Texas Instruments DRV8461SPWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 117 page
background image
Typical values are at TA = 25°C and VVM = 24 V. All limits are over recommended operating conditions, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input logic-low voltage
0
0.6
V
VIH
Input logic-high voltage (all pins
except DECAY1)
1.5
5.5
V
VIH_DECAY1
Input logic-high voltage (DECAY1
pin)
2.7
5.5
V
VHYS
Input logic hysteresis (all pins
except nSLEEP)
100
mV
VHYS_SLEEP nSLEEP logic hysteresis
300
mV
IIL
Input logic-low current (all pins
except nSCS)
VIN = 0 V
–1
1
μA
IIL_nSCS
nSCS logic-low current
nSCS = 0V
8
12
μA
IIH
Input logic-high current (all pins
except nSCS, 200k internal pull-
down resistance)
VIN = DVDD
50
μA
IIH_nSCS
nSCS logic-high current
nSCS = DVDD
0.1
μA
TRI-LEVEL INPUTS (M0, DECAY0, ENABLE)
VI1_tri
Input logic-low voltage
Tied to GND
0
0.6
V
VI2_tri
Input Hi-Z voltage
Hi-Z
1.8
2
2.2
V
VI3_tri
Input logic-high voltage
Tied to DVDD
2.7
5.5
V
IO_tri
Output pull-up current
10.5
μA
QUAD-LEVEL INPUTS (M1, TOFF)
VI1_quad
Input logic-low voltage
Tied to GND
0
0.6
V
VI2_quad
Input second level voltage
330kΩ ± 5% to GND
1
1.25
1.4
V
VI3_quad
Input Hi-Z voltage
Hi-Z
1.8
2
2.2
V
VI4_quad
Input logic-high voltage
Tied to DVDD
2.7
5.5
V
IO_quad
Output pull-up current
10.5
μA
PUSH-PULL OUTPUT (SDO)
RPD,SDO
Internal pull-down resistance
5mA load, with respect to GND
30
60
Ω
RPU,SDO
Internal pull-up resistance
5mA load, with respect to VCC
60
110
Ω
ISDO
SDO Leakage Current(1)
VVM > 6 V, SDO = VCC and 0V
-2.5
2.5
μA
CONTROL OUTPUTS (nFAULT, nHOME)
VOL
Output logic-low voltage
IO = 5 mA
0.35
V
IOH
Output logic-high leakage
-1
1
μA
MOTOR DRIVER OUTPUTS (AOUT1, AOUT2, BOUT1, BOUT2)
RDS(ONH)
High-side FET on resistance
TJ = 25 °C, IO = -3 A
150
175
mΩ
TJ = 125 °C, IO = -3 A
225
285
mΩ
TJ = 150 °C, IO = -3 A
255
325
mΩ
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com