Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 117 page
background image
Use Equation 1 to calculate the full-scale regulation current for H/W interface.
IFS (A) = VREF (V) / KV (V/A)
(1)
For the SPI interface, the 8-bit TRQ_DAC register further scales the full-scale current as shown in Equation 1.
See Table 7-16 for TRQ_DAC settings.
IFS (A) = VREF (V) x TRQ_DAC / KV (V/A)
(2)
Table 7-16. TRQ_DAC Settings
TRQ_DAC
CURRENT SCALAR
11111111b
100%
11111110b
99.61%
11111101b
99.22%
11111100b
98.83%
........
........
00000000b
0.39%
Another 8-bit register ISTSL programs the holding current (IHOLD) when STEP pulses are not applied and the
motor is being held at same position. Transitioning to a lower value of holding current reduces motor and driver
power loss. See Section 7.3.13 for details.
IHOLD (A) = VREF (V) x ISTSL / KV (V/A)
(3)
Table 7-17. ISTSL Settings
ISTSL
Holding Current Value
11111111b
100%
11111110b
99.61%
11111101b
99.22%
11111110b
98.83%
........
........
00000000b
0.39%
Note
Always set ISTSL to a value lower than the TRQ_DAC value.
7.3.8.1 Internal Reference Voltage
When operating with the SPI interface, the DRV8461 supports an internal 3.3 V reference voltage. This internal
reference can be enabled by writing 1b to the VREF_INT_EN bit. The voltage on the VREF pin will be ignored in
that case, and the VREF pin can be left open or connected to ground.
The full-scale current and the holding current will be calculated as shown in Equation 4 and Equation 5 -
IFS (A) = 3.3 V x TRQ_DAC / KV (V/A)
(4)
IHOLD (A) = 3.3 V x ISTSL / KV (V/A)
(5)
Using the internal 3.3 V as reference will save BOM cost by eliminating the two resistors connected to the VREF
pin.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com