Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 17Page - Texas Instruments DRV8461SPWPR Datasheet HTML 18Page - Texas Instruments DRV8461SPWPR Datasheet HTML 19Page - Texas Instruments DRV8461SPWPR Datasheet HTML 20Page - Texas Instruments DRV8461SPWPR Datasheet HTML 21Page - Texas Instruments DRV8461SPWPR Datasheet HTML 22Page - Texas Instruments DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
Table 7-5. Microstepping Indexer Settings
MODE = 1
MODE = 0
MICROSTEP_MODE
M0
M1
STEP MODE
0000b
0
0
Full step (2-phase
excitation) with 100%
current
0001b
0
330 kΩ to
GND
Full step (2-phase
excitation) with 71%
current
0010b
1
0
Non-circular 1/2 step
0011b
Hi-Z
0
1/2 step
0100b
0
1
1/4 step
0101b
1
1
1/8 step
0110b
Hi-Z
1
1/16 step
0111b
0
Hi-Z
1/32 step
1000b
Hi-Z
330 kΩ to
GND
1/64 step
1001b
Hi-Z
Hi-Z
1/128 step
1010b
1
Hi-Z
1/256 step
When operating with SPI, the device allows stepping and direction change over SPI interface as well, as shown
in Table 7-6. Four bits are dedicated for this purpose -
Table 7-6. STEP and DIR control over SPI
Bit
0b (default)
1b
SPI_DIR
Driver changes direction based on DIR pin inputs
Direction changes depend on the DIR bit
SPI_STEP
Stepping depends on the STEP pin inputs
Step changes depend on the STEP bit
DIR
Motor moves in the reverse direction
Motor moves in the forward direction
STEP
X
Indexer advances by one step. STEP bit is self-clearing,
becomes 0b after writing 1b to it.
Table 7-7 shows the relative current and step directions for full-step (71% current), 1/2 step, 1/4 step and 1/8
step operation for the case when DIR pin is logic high or DIR bit is '1'. Higher microstepping resolutions follow
the same pattern. The AOUT current is the sine of the electrical angle and the BOUT current is the cosine of the
electrical angle. Positive current is defined as current flowing from the xOUT1 pin to the xOUT2 pin while driving.
Table 7-7. Relative Current and Step Directions
1/8 STEP
1/4 STEP
1/2 STEP
FULL STEP 71%
AOUT CURRENT
(% FULL-SCALE)
BOUT CURRENT
(% FULL-SCALE)
ELECTRICAL
ANGLE (DEGREES)
1
1
1
0%
100%
0.00
2
20%
98%
11.25
3
2
38%
92%
22.50
4
56%
83%
33.75
5
3
2
1
71%
71%
45.00
6
83%
56%
56.25
7
4
92%
38%
67.50
8
98%
20%
78.75
9
5
3
100%
0%
90.00
10
98%
-20%
101.25
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com