Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 25 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 21Page - Texas Instruments DRV8461SPWPR Datasheet HTML 22Page - Texas Instruments DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 117 page
background image
Pull up the nHOME to a 5-V, 3.3-V or 1.8-V supply using a pull-up resistor. For a 5-V pullup, the nHOME pin can
be tied to the DVDD pin with a resistor. For a 3.3-V or 1.8-V pullup, an external supply must be used.
Traces from top to bottom: BOUT2, BOUT1, coil B current, coil A current, nHOME
Figure 7-6. nHOME Output Waveform
7.3.6 Automatic Microstepping Mode
When the DRV8461 is operating with SPI interface, automatic microstepping mode interpolates the input step
pulses to generate a current waveform corresponding to higher resolution microstep. This results in smooth
sinusoidal current and noiseless operation at any step frequency.
• If automatic microstepping is disabled, the system controller will be forced to output high frequency STEP
signals to generate high resolution microstepping current waveforms.
• With automatic microstepping enabled, smooth current waveform can be generated by low frequency STEP
signals.
– This drastically reduces controller overhead and is beneficial for applications such as 3D printer, factory
automation and medical.
• It should be ensured that the interpolated frequency does not fall in the resonant frequency band of the
stepper motor.
The EN_AUTO bit should be 1b to enable the automatic microstepping mode.
Motor Angle
STEP
Figure 7-7. Automatic Microstepping Interpolation
Figure 7-7 shows increment in motor angle with and without automatic microstepping. Without automatic
microstepping (red plot), the motor angle increments by a large amount on every step input active edge.
Automatic microstepping (green plot) results in a much smoother change in motor angle.
The DRV8461 supports interpolation to 1/32, 1/64, 1/128 or 1/256 microstepping levels, configured by the
RES_AUTO bits as shown in Table 7-13. Interpolation setting can be changed on the fly.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com