Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 79 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 79 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 75Page - Texas Instruments DRV8461SPWPR Datasheet HTML 76Page - Texas Instruments DRV8461SPWPR Datasheet HTML 77Page - Texas Instruments DRV8461SPWPR Datasheet HTML 78Page - Texas Instruments DRV8461SPWPR Datasheet HTML 79Page - Texas Instruments DRV8461SPWPR Datasheet HTML 80Page - Texas Instruments DRV8461SPWPR Datasheet HTML 81Page - Texas Instruments DRV8461SPWPR Datasheet HTML 82Page - Texas Instruments DRV8461SPWPR Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 117 page
background image
Figure 7-64. CTRL5 Control Register (continued)
STALL_TH [7:0]
R/W-00000011b
Table 7-45. CTRL5 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
STALL_TH [7:0]
R/W
00000011b Lower 8-bits of stall threshold.
•
000000000000b = 0 count
•
.....................................................
•
000000000011b = 3 counts (default)
•
.....................................................
•
111111111111b = 4095 counts
7.5.2.6 CTRL6 (address = 0x09) [Default = 20h]
CTRL6 is shown in Figure 7-65 and described in Table 7-46.
Read/Write
Return to the Register Maps Table
Figure 7-65. CTRL6 Control Register
7
6
5
4
3
2
1
0
RC_RIPPLE[1:0]
DIS_SSC
TRQ_SCALE
STALL_TH[11:8]
R/W-00b
R/W-1b
R/W-0b
R/W-0000b
Table 7-46. CTRL6 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-6
RC_RIPPLE[1:0]
R/W
00b
Controls the current ripple in smart tune ripple control decay
mode.
•
00b = 1% ripple (default)
•
01b = 2% ripple
•
10b = 4% ripple
•
11b = 6% ripple
5
DIS_SSC
R/W
1b
0b = spread-spectrum enabled
1b = spread-spectrum disabled
4
TRQ_SCALE
R/W
0b
0b = No torque count scaling is applied
1b = Torque count is scaled up by a factor of 8
3-0
STALL_TH[11:8]
R/W
0000b
4 MSB bits of stall threshold.
7.5.2.7 CTRL7 (address = 0x0A) [Default = FFh]
CTRL7 is shown in Figure 7-66 and described in Table 7-47.
Read-only
Return to the Register Maps Table
Figure 7-66. CTRL7 Control Register
7
6
5
4
3
2
1
0
TRQ_COUNT[7:0]
R-11111111b
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com