Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 70 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 70 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 66Page - Texas Instruments DRV8461SPWPR Datasheet HTML 67Page - Texas Instruments DRV8461SPWPR Datasheet HTML 68Page - Texas Instruments DRV8461SPWPR Datasheet HTML 69Page - Texas Instruments DRV8461SPWPR Datasheet HTML 70Page - Texas Instruments DRV8461SPWPR Datasheet HTML 71Page - Texas Instruments DRV8461SPWPR Datasheet HTML 72Page - Texas Instruments DRV8461SPWPR Datasheet HTML 73Page - Texas Instruments DRV8461SPWPR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 117 page
background image
keeps additional read commands for the MCU and makes the system more efficient to determine fault conditions
flagged in a device. Status bytes must start with 1 and 1 for the two MSBs.
Header Bytes
(HDRx)
Status Byte
(Sx)
1
0
N5
N4
N3
N2
N1
N0
Data Byte
(Dx)
Address Byte
(Ax)
1
0
CLR
X
X
X
X
X
1
1
UVLO
CPUV
OCP
STL
TF
OL
D7
D6
D5
D4
D3
D2
D1
D0
0
R/W
A5
A4
A3
A2
A1
A0
Figure 7-53. Contents of Header, Status, Address, and Data Bytes
When data passes through a device, it determines the position of itself in the chain by counting the number of
status bytes it receives followed by the first header byte. For example, in this 3-device configuration, device 2 in
the chain receives two status bytes before receiving the HDR1 byte which is then followed by the HDR2 byte.
From the two status bytes, the data can determine that its position is second in the chain. From the HDR2
byte, the data can determine how many devices are connected in the chain. In this way, the data only loads
the relevant address and data byte in its buffer and bypasses the other bits. This protocol allows for faster
communication without adding latency to the system for up to 63 devices in the chain.
The address and data bytes remain the same with respect to a 1-device connection. The report bytes (R1
through R3), as shown in Figure 7-51, are the content of the register being accessed.
X
X
MSB
LSB
Z
Z
MSB
LSB
nSCS
SCLK
SDI
SDO
Capture
Point
Propagate
Point
Figure 7-54. SPI Transaction
7.4.1.3 SPI for Multiple Target Devices in Parallel Configuration
Figure 7-55 shows three DRV8461 devices connected in parallel configuration.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com