Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 39 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments DRV8461SPWPR Datasheet HTML 40Page - Texas Instruments DRV8461SPWPR Datasheet HTML 41Page - Texas Instruments DRV8461SPWPR Datasheet HTML 42Page - Texas Instruments DRV8461SPWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
Where UGB is the unity-gain bandwidth of the loop, RMOTOR is the motor coil resistance, LMOTOR is the motor coil
inductance, IFS is the full-scale current and VM is the supply voltage.
• If any frequency is less than UGB, it is allowed to pass.
• Frequencies higher than UGB, such as PWM frequency or STEP frequency are attenuated and do not
contribute to motor noise.
• 200 Hz is a reasonable choice for UGB to attenuate most frequencies in the audible range.
• In the event of supply voltage change, UGB can be changed by modifying the value of KP. This way similar
audio noise suppression can be achieved across a wide range of operating conditions.
• If the zero is chosen to be at a lower frequency than the motor pole, UGB will increase, as shown in the gain
vs frequency plot.
The zero should be placed to cancel the motor pole. By equating fP and fZ for a discretized implementation, the
following equation can be used to calculate KI.
KI = KP * RMOTOR / (FPWM * LMOTOR)
(10)
As an example, consider the following use case -
• VM = 24 V
• IFS = 3 A
• RMOTOR = 0.9 Ω
• LMOTOR = 1.2 mH
• UGB = 200 Hz
• FPWM = 25 kHz
• Above 50 RPM, the decay mode should change from silent step to smart tune ripple control.
Using the previous equations, KP = 0.1885 and KI = 0.00566. The following register values can be set -
• SS_KP = 0110000b = 48
• SS_KI = 0000011b = 3
• SS_KP_DIV_SEL = 011b = 1/256
• SS_KI_DIV_SEL = 100b = 1/512
• 50 RPM corresponds to roughly 42.6 kpps at 1/256 microstepping, which is equivalent to 42 Hz frequency of
the sinusoidal current waveform. So SS_THR = 00010101b = 21.
The following scopeshot shows the smooth sinusoidal coil current waveforms when the motor operates in silent
step decay mode.
Figure 7-19. Coil Current Waveform with Silent Step Decay
The SS_SMPL_SEL bits influence the smoothness of current waveform around zero crossing point. Default
value of 2 μs sampling time will work well for most motors and applications. In case current waveform distortion
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com