Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 34 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
7.3.9.4 Smart tune Ripple Control
t
BLANK
t
OFF
t
DRIVE
I
TRIP
t
BLANK
t
DRIVE
t
OFF
t
BLANK
t
DRIVE
I
TRIP
t
BLANK
t
DRIVE
t
OFF
I
VALLEY
t
OFF
t
OFF
t
BLANK
t
DRIVE
t
BLANK
t
DRIVE
I
VALLEY
t
BLANK
t
DRIVE
t
OFF
Figure 7-15. Smart tune Ripple Control Decay Mode
In smart tune Ripple Control decay mode, the PWM off time is variable depending on the current level and
operating parameters. It operates by setting an IVALLEY level along with the ITRIP level. When the current level
reaches ITRIP, instead of entering slow decay until the tOFF time expires, the driver enters slow decay until IVALLEY
is reached.
The magnitude of the ripple current in smart tune ripple control mode is programmed by the RC_RIPPLE[1:0]
bits or the TOFF pin, as shown in Table 7-19.
Table 7-19. Current Ripple Settings
H/W Interface
SPI Interface
Current Ripple at a specific
microstep level
TOFF
RC_RIPPLE
0
00b (default)
15 mA + 1% of ITRIP
1
01b
15 mA + 2% of ITRIP
Hi-Z
10b
15 mA + 4% of ITRIP
330kΩ to GND
11b
15 mA + 6% of ITRIP
The smart tune ripple control scheme allows much tighter regulation of the ripple current, thereby improving
motor efficiency and reducing audible noise. Select a ripple current setting that ensures the PWM frequency is
not in the audible range (< 20 kHz).
7.3.9.5 PWM OFF Time
The TOFF bits or the TOFF pin configure the PWM OFF time for all decay modes, except smart tune ripple
control and silent step decay modes, as shown in Table 7-20. The OFF time settings can be changed on-the-fly.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com