Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 97 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 97 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 93Page - Texas Instruments DRV8461SPWPR Datasheet HTML 94Page - Texas Instruments DRV8461SPWPR Datasheet HTML 95Page - Texas Instruments DRV8461SPWPR Datasheet HTML 96Page - Texas Instruments DRV8461SPWPR Datasheet HTML 97Page - Texas Instruments DRV8461SPWPR Datasheet HTML 98Page - Texas Instruments DRV8461SPWPR Datasheet HTML 99Page - Texas Instruments DRV8461SPWPR Datasheet HTML 100Page - Texas Instruments DRV8461SPWPR Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 117 page
background image
Table 7-91. SS_CTRL1 Register Field Descriptions
Bit
Field
Type
Default
Description
7-6
SS_SMPL_SEL[1:0]
R/W
00b
Silent step current zero cross sampling time. Default value is
2 μs. If current waveform is distorted around zero crossing,
increase the sampling time.
•
00b = 2 μs (default)
•
01b = 3 μs
•
10b = 4 μs
•
11b = 5 μs
5-4
RSVD
R/W
00b
Reserved.
3-2
SS_PWM_FREQ[1:0]
R/W
00b
Represents the PWM frequency (FPWM) in silent step decay
mode.
•
00b - 25KHz
•
01b - 33KHz
•
10b - 42KHz
•
11b - 50KHz
1
RSVD
R/W
0b
Reserved
0
EN_SS
R/W
0b
0b = silentstep decay mode is disabled
1b = silentstep decay mode is enabled
7.5.6.2 SS_CTRL2 (address = 0x32) [Default = 00h]
SS_CTRL2 is shown in Figure 7-107 and described in Table 7-92.
Read/Write
Return to the Register Maps Table
Figure 7-107. SS_CTRL2 Register
7
6
5
4
3
2
1
0
RSVD
SS_KP[6:0]
R/W - 0b
R/W-0000000b
Table 7-92. SS_CTRL2 Register Field Descriptions
Bit
Field
Type
Default
Description
7
RSVD
R/W
0b
Reserved.
6-0
SS_KP[6:0]
R/W
0000000b
Represents the proportional gain of the silent step PI controller.
Has a range of 0 to 127, with a default value of 0.
7.5.6.3 SS_CTRL3 (address = 0x33) [Default = 00h]
SS_CTRL3 is shown in Figure 7-108 and described in Table 7-93.
Read/Write
Return to the Register Maps Table
Figure 7-108. SS_CTRL3 Register
7
6
5
4
3
2
1
0
RSVD
SS_KI[6:0]
R/W-0b
R/W-0000000b
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com