Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 73 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 73 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 69Page - Texas Instruments DRV8461SPWPR Datasheet HTML 70Page - Texas Instruments DRV8461SPWPR Datasheet HTML 71Page - Texas Instruments DRV8461SPWPR Datasheet HTML 72Page - Texas Instruments DRV8461SPWPR Datasheet HTML 73Page - Texas Instruments DRV8461SPWPR Datasheet HTML 74Page - Texas Instruments DRV8461SPWPR Datasheet HTML 75Page - Texas Instruments DRV8461SPWPR Datasheet HTML 76Page - Texas Instruments DRV8461SPWPR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 117 page
background image
Table 7-34. Access Type Codes (continued)
Access Type
Code
Description
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
7.5.1 Status Registers
The status registers are used to reporting warning and fault conditions. Status registers are read-only registers.
Table 7-35 lists the memory-mapped registers for the status registers. All register offset addresses not listed in
Table 7-35 should be considered as reserved locations and the register contents should not be modified.
Table 7-35. Status Registers Summary Table
Address
Register Name
Section
0x00
FAULT
Go
0x01
DIAG1
Go
0x02
DIAG2
Go
0x03
DIAG3
Go
7.5.1.1 FAULT (address = 0x00) [Default = 00h]
FAULT status is shown in Figure 7-56 and described in Table 7-36.
Read-only
Return to the Register Maps Table
Figure 7-56. FAULT Register
7
6
5
4
3
2
1
0
FAULT
SPI_ERROR
UVLO
CPUV
OCP
STL
TF
OL
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
Table 7-36. FAULT Register Field Descriptions
Bit
Field
Type
Default
Description
7
FAULT
R
0b
FAULT bit is 1b when device has any fault condition. During normal
operation, FAULT bit is 0b. nFAULT pin is pulled down when FAULT bit
is 1b. nFAULT pin is released during normal operation.
6
SPI_ERROR
R
0b
Indicates SPI protocol errors, such as more SCLK pulses than are required
or SCLK is absent even though nSCS is low. SPI_ERROR becomes 1b in
fault and the nFAULT pin is driven low. Normal operation resumes when
the protocol error is removed and a clear faults command has been issued
either through the CLR_FLT bit or an nSLEEP reset pulse.
5
UVLO
R
0b
When this bit is 1b, it indicates an supply undervoltage lockout fault
condition.
4
CPUV
R
0b
When this bit is 1b, it indicates charge pump undervoltage fault condition.
3
OCP
R
0b
When this bit is 1b, it indicates overcurrent fault condition
2
STL
R
0b
When this bit is 1b, it indicates motor stall condition.
1
TF
R
0b
Logic OR of the overtemperature warning (OTW) and overtemperature
shutdown (OTSD). When this bit is 1b, it indicates overtemperature fault.
0
OL
R
0b
When this bit is 1b, it indicates open-load fault condition.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com