Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 47 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 43Page - Texas Instruments DRV8461SPWPR Datasheet HTML 44Page - Texas Instruments DRV8461SPWPR Datasheet HTML 45Page - Texas Instruments DRV8461SPWPR Datasheet HTML 46Page - Texas Instruments DRV8461SPWPR Datasheet HTML 47Page - Texas Instruments DRV8461SPWPR Datasheet HTML 48Page - Texas Instruments DRV8461SPWPR Datasheet HTML 49Page - Texas Instruments DRV8461SPWPR Datasheet HTML 50Page - Texas Instruments DRV8461SPWPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 117 page
background image
ATQ_CNT
Load Torque
AMAX
AMIN
TMIN
TMAX
I1
I2
ATQ_UL
T1
T2
ATQ_LL
I3
I4
I5
I1 < I2 < I3 < I4 < I5
Figure 7-26. ATQ_CNT as a function of load torque
The auto-torque algorithm confines the ATQ_CNT within the hysteretic band defined by the user programmable
ATQ_UL and ATQ_LL parameters, by modulating the motor current, as shown in Figure 7-26.
• If load torque demand increases (T1 to T2), the ATQ_CNT goes above the ATQ_UL threshold, and in
response, the algorithm brings the ATQ_CNT within the band by increasing the current (I3 to I4).
• When load torque demand drops (T2 to T1) and ATQ_CNT goes below ATQ_LL, the algorithm reduces the
current to bring the ATQ_CNT within the hysteretic band (I5 to I4).
The following methodology explains how user should select the values of the current control parameters -
• ATQ_TRQ_MIN is the minimum motor current needed to support the minimum load torque applied to the
motor. To find this parameter -
– Load the motor with minimum load torque (TMIN) and drive the motor with full-scale current (IFS)
– Set ATQ_UL and ATQ_LL to zero and set KP as 1
– Reduce current till the motor stalls
– Note the current (IA) at which the motor stalls
– Set ATQ_TRQ_MIN = 1.1 x IA
• To find ATQ_TRQ_MAX -
– With the motor current at IA, load the motor with maximum load torque (TMAX). The motor will get stalled.
– Start increasing the motor current
– Note the current (IB) at which the motor comes out of stall
– Set ATQ_TRQ_MAX = 1.1 x IB
– Note the ATQ_CNT (AMAX) with current at ATQ_TRQ_MAX and load torque at TMAX.
• For the ATQ_UL -
– Set an initial value of 0.5 x AMAX.
– Apply the load profile (peak load and idle load) specific to the application.
• If the motor stalls, decrease the value ATQ_UL till the motor is no longer stalled.
• If the motor does not stall after applying the load profile, ATQ_UL can be increased till the motor stalls.
– Higher value of ATQ_UL saves more power at peak load, but in case of a fast load transient, the motor
can stall.
– Lower value of ATQ_UL reduces the power saving at peak load, but also reduces the chances of motor
stall and step loss.
• For most applications, a difference of 2 between ATQ_UL and ATQ_LL is a good starting point.
• VM_SCALE bit should be made 1b only after ATQ_UL and ATQ_LL have been set by the user.
The flowchart for selecting ATQ_UL, ATQ_LL, ATQ_TRQ_MAX and ATQ_TRQ_MIN parameters is shown below.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com