Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 43 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments DRV8461SPWPR Datasheet HTML 40Page - Texas Instruments DRV8461SPWPR Datasheet HTML 41Page - Texas Instruments DRV8461SPWPR Datasheet HTML 42Page - Texas Instruments DRV8461SPWPR Datasheet HTML 43Page - Texas Instruments DRV8461SPWPR Datasheet HTML 44Page - Texas Instruments DRV8461SPWPR Datasheet HTML 45Page - Texas Instruments DRV8461SPWPR Datasheet HTML 46Page - Texas Instruments DRV8461SPWPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 117 page
background image
Table 7-23. Registers for auto-torque learning routine (continued)
Register Name
Description
ATQ_LRN_STEP[1:0]
Represents the increment to initial current level. It supports four options -
•
00b : ATQ_LRN_STEP = 128
•
01b : ATQ_LRN_STEP = 16
•
10b : ATQ_LRN_STEP = 32
•
11b : ATQ_LRN_STEP = 64
Example : If ATQ_LRN_STEP = 10b and ATQ_LRN_MIN_CURRENT = 11000b, then -
•
Initial learn current level = 24*8 = 192
•
Final learn current level = 192 + 32 = 224
ATQ_LRN_CYCLE_SELECT[1:0]
Represents the number of electrical half cycles spent in one current level after which the
learning routine allows the current to jump to the other level. It supports four options -
•
00b : 8 half-cycles
•
01b : 16 half-cycles
•
10b : 24 half-cycles
•
11b : 32 half-cycles
LRN_START
Writing 1b to this bit enables the auto-torque learning routine. After learning is completed, this
bit automatically goes to 0b.
LRN_DONE
This bit becomes 1b after learning is complete.
ATQ_LRN_CONST1[10:0]
Indicates the ATQ_LRN parameter at the initial learning current level.
ATQ_LRN_CONST2[10:0]
Indicates the ATQ_LRN parameter at the final learning current level.
VM_SCALE
When this bit is 1b, the auto-torque algorithm automatically adjusts the ATQ_UL, ATQ_LL and
ATQ_LRN parameters as per the supply voltage variation.
Here are few points to consider while setting up the learning routine parameters:
• It is recommended to select the initial current level between 30% to 50% of the maximum operating current.
• Final current level must not exceed 255 and can be selected between 80% and 100% of the maximum
operating current.
• Current waveform distortions (due to high speed or low supply voltage) can cause incorrect reading of the
ATQ_LRN parameters. The learning current levels should be chosen away from the currents where waveform
distortions are observed.
• Low values of ATQ_LRN_CYCLE_SELECT result in quicker learning. However, in systems prone to noise,
higher ATQ_LRN_CYCLE_SELECT can result in more stable ATQ_LRN parameter values.
• Learning should be done when the motor attains the steady-state speed.
• Re-learning should be done if the motor is changed, or the motor speed changes by ± 10%.
For a quick summary, following sequence of commands should be applied to enable automatic learning:
• Write 1b to ATQ_EN
• Run the motor with no load
• Program ATQ_LRN_MIN_CURRENT
• Program ATQ_LRN_STEP
• Program ATQ_LRN_CYCLE_SELECT
• Write 1b to ATQ_LRN_START
• The algorithm runs the motor with initial current level for ATQ_LRN_CYCLE_SELECT number of electrical
half cycles
• Next, the algorithm runs the motor with final current level for ATQ_LRN_CYCLE_SELECT number of
electrical half cycles
• After learning is complete,
– ATQ_LRN_START bit is auto cleared to 0b
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com