Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 31 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 117 page
background image
7.3.9.1 Slow Decay
t
BLANK
t
OFF
t
DRIVE
I
TRIP
t
BLANK
t
DRIVE
t
OFF
t
BLANK
t
DRIVE
t
BLANK
t
DRIVE
I
TRIP
t
BLANK
t
DRIVE
t
OFF
t
OFF
Figure 7-12. Slow Decay Mode
During slow decay, both the low-side FETs of the H-bridge are turned on, allowing the current to be recirculated.
Here are the points to consider when selecting slow decay mode -
• Slow decay exhibits the least current ripple of the decay modes for a given tOFF.
• However on decreasing current steps, slow decay will take a long time to settle to the new ITRIP level because
the current decreases very slowly.
– If the current at the end of the off time is above the ITRIP level, slow decay will be extended for another off
time duration and so on, till the current at the end of the off time is below ITRIP level.
• In cases where current is held at the same level for a long time (no STEP input), or the target regulation
current level is low, or at very low stepping speeds, slow decay may not properly regulate current because
the back-EMF across the motor windings may be very small to discharge the current during the off time. In
this state, motor current can rise very quickly, and may require a large off time. In some cases this may cause
a loss of current regulation, and a more aggressive decay mode is recommended.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com