Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 23 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 19Page - Texas Instruments DRV8461SPWPR Datasheet HTML 20Page - Texas Instruments DRV8461SPWPR Datasheet HTML 21Page - Texas Instruments DRV8461SPWPR Datasheet HTML 22Page - Texas Instruments DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 117 page
background image
Table 7-9. Non-Circular 1/2-Stepping Current (continued)
NON-CIRCULAR 1/2-STEP
AOUT CURRENT
(% FULL-SCALE)
BOUT CURRENT
(% FULL-SCALE)
ELECTRICAL ANGLE
(DEGREES)
8
–100
100
315
When operating with the SPI, depending on the STEP_EDGE bit, STEP active edge can be either rising edge
or both rising and falling edge, as shown in Table 7-10. When configured with H/W interface, the STEP active
edge is only the rising edge. For applications that need to run at high input STEP rate, configuring both edges as
active edge reduces controller overhead by half, because the input STEP rate is effectively doubled.
Table 7-10. STEP Active Edge
Interface
STEP_EDGE
STEP Active Edge
SPI
0b (default)
Rising edge
1b
Rising edge and falling edge
H/W
X
Rising edge
At each active edge of the STEP input the indexer advances to the next state in the table. The direction shown
is with the DIR pin logic high. If the DIR pin is logic low, the sequence table is reversed. If the step mode is
changed dynamically while stepping, the indexer advances to the next valid state for the new step mode setting
at the active edge of STEP.
After power-up, after exiting logic undervoltage lockout, or after exiting sleep mode, the indexer moves to an
initial excitation state (home position) of 45° electrical angle, corresponding to 71% of full-scale current in both
coils. All the registers are restored to their deafult values in such scenario.
When operating with the SPI, if the IDX_RST bit is 1b, it resets the indexer to 45° electrical angle as shown in
Figure 7-5, but the contents of the memory map registers do not change.
Traces from top to bottom: AOUT2, AOUT1, STEP, coil B current, coil A current, nSCS
Figure 7-5. Indexer reset
If the STEP input frequency is jittery, the device filters the signal for the purpose of stall detection. The
FRQ_CHG and STEP_FRQ_TOL bits program the filter setting, as shown in Table 7-11. 2% filtering means
up to 2% jitter around the center frequency will be filtered out to generate a clean STEP signal for internal
circuits to detect motor stall.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com