Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 52 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 48Page - Texas Instruments DRV8461SPWPR Datasheet HTML 49Page - Texas Instruments DRV8461SPWPR Datasheet HTML 50Page - Texas Instruments DRV8461SPWPR Datasheet HTML 51Page - Texas Instruments DRV8461SPWPR Datasheet HTML 52Page - Texas Instruments DRV8461SPWPR Datasheet HTML 53Page - Texas Instruments DRV8461SPWPR Datasheet HTML 54Page - Texas Instruments DRV8461SPWPR Datasheet HTML 55Page - Texas Instruments DRV8461SPWPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 117 page
background image
7.3.15 Linear Voltage Regulator
A linear voltage regulator is integrated within the device. When the VCC pin is connected to DVDD, the DVDD
regulator provides power to the low-side gate driver and all the internal circuits. For proper operation, bypass the
DVDD pin to GND using a 1 μF ceramic capacitor. The DVDD output is nominally 5 V.
1 μF
+
–
DVDD
5 V
VM
Figure 7-31. Linear Voltage Regulator Block Diagram
If a digital input must be tied permanently high, tying the input to the DVDD pin instead of an external regulator
is preferred. This method saves power when the VM pin is not applied or in sleep mode: the DVDD regulator is
disabled and current does not flow through the input pulldown resistors. For reference, logic level inputs have a
typical pulldown of 200 kΩ.
The nSLEEP pin cannot be tied to DVDD, else the device will never exit sleep mode.
7.3.16 VCC Voltage Supply
An external voltage can be applied to the VCC pin to power the internal logic circuitry. The voltage on the VCC
pin should be between 3.05V and 5.5V and should be well regulated. When an external supply is not available,
VCC pin must be connected to the DVDD pin of the device.
When powered by the VCC, the internal logic blocks do not consume power from the VM supply rail - thereby
reducing the power loss in the DRV8461. This is highly beneficial in high voltage applications, and when thermal
conditions are critical. Bypass the VCC pin to ground using a 0.1 μF ceramic capacitor.
7.3.17 Logic Level, Tri-Level and Quad-Level Pin Diagrams
Figure 7-32 shows the input structure for M0, DECAY0 and ENABLE pins.
Figure 7-32. Tri-Level Input Pin Diagram
Figure 7-33 shows the input structure for M1 and TOFF pins.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com