Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 48 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 44Page - Texas Instruments DRV8461SPWPR Datasheet HTML 45Page - Texas Instruments DRV8461SPWPR Datasheet HTML 46Page - Texas Instruments DRV8461SPWPR Datasheet HTML 47Page - Texas Instruments DRV8461SPWPR Datasheet HTML 48Page - Texas Instruments DRV8461SPWPR Datasheet HTML 49Page - Texas Instruments DRV8461SPWPR Datasheet HTML 50Page - Texas Instruments DRV8461SPWPR Datasheet HTML 51Page - Texas Instruments DRV8461SPWPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 117 page
background image
START
Load motor with
minimum load
torque
SPI WRITE
ATQ_TRQ_MIN =
ATQ_TRQ_MAX = IFS
ATQ_UL = ATQ_LL = 0
KP = 1
Motor stalled?
Reduce current
(ATQ_TRQ_MIN = ATQ_TRQ_MAX)
No
Yes
Note current as IA
Set ATQ_TRQ_MIN = 1.1 * IA
Motor stalled?
Increase current
(ATQ_TRQ_MIN = ATQ_TRQ_MAX)
Yes
No
Load motor with
maximum load
torque
Set ATQ_UL = 0.5 * AMAX
Note current as IB, ATQ_CNT as AMAX
Set ATQ_TRQ_MAX = 1.1 * IB
Load motor with
applica on speci c
load pro le
Motor stalled?
Decrease ATQ_UL ll
motor is not stalled
Yes
Increase ATQ_UL ll motor
stalls
No
Figure 7-27. Selecting ATQ_TRQ_MIN, ATQ_TRQ_MAX, ATQ_UL, ATQ_LL
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
48
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com