Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 19 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 15Page - Texas Instruments DRV8461SPWPR Datasheet HTML 16Page - Texas Instruments DRV8461SPWPR Datasheet HTML 17Page - Texas Instruments DRV8461SPWPR Datasheet HTML 18Page - Texas Instruments DRV8461SPWPR Datasheet HTML 19Page - Texas Instruments DRV8461SPWPR Datasheet HTML 20Page - Texas Instruments DRV8461SPWPR Datasheet HTML 21Page - Texas Instruments DRV8461SPWPR Datasheet HTML 22Page - Texas Instruments DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 117 page
background image
Table 7-3. Pin function, PWP package (continued)
Pin Number
DRV8461SPWPR (SPI)
DRV8461PWPR (H/W Interface)
22
SCLK
M1
Table 7-4 compares the feature set and diagnostic features for the two operating interfaces -
Table 7-4. Feature Set Difference
Feature
H/W interface
SPI
Smart tune
Yes
Yes
Up to 1/256 microstepping
Yes
Yes
Separate logic supply (VCC)
Yes
Yes
nHOME output
Yes
Yes
nFAULT output
Yes
Yes
Automatic microstepping
No
Yes
Customizable microstepping
No
Yes
Indexer output
No
Yes
Internal 3.3V reference voltage
No
Yes
Dual STEP active edge
No
Yes
Silent step decay
No
Yes
Auto-torque
No
Yes
Standstill power saving
No
Yes
Spread spectrum
No
Yes
Protection features
VM and VCP UVLO
Yes
Yes
VCC Power on Reset
Yes
Yes
Overcurrent Protection
Yes
Yes
Open-load detection
Yes
Yes
Thermal shutdown
Yes
Yes
Stall detection
No
Yes
Overtemperature warning
No
Yes
7.3.2 Stepper Motor Driver Current Ratings
Stepper motor drivers can be classified using three different numbers to describe the output current: peak, RMS,
and full-scale.
7.3.2.1 Peak Current Rating
The peak current in a stepper driver is limited by the overcurrent protection trip threshold IOCP. In general the
minimum value of IOCP specifies the peak current rating of the stepper motor driver. For the DRV8461, the peak
current rating is 4.8 A per bridge.
7.3.2.2 RMS Current Rating
The RMS current is determined by the thermal considerations of the IC. The RMS current is calculated based on
the RDS(ON), rise and fall time, PWM frequency, device quiescent current, and package thermal performance in a
typical system at 25°C. The actual operating RMS current may be higher or lower depending on heatsinking and
ambient temperature. For the DRV8461, the RMS current rating is 2.1 A per bridge.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com