Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 32 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
7.3.9.2 Mixed Decay
ITRIP
tBLANK
tDRIVE
ITRIP
tBLANK
tDRIVE
tDRIVE
tOFF
tBLANK
tDRIVE
tFAST
tBLANK
tOFF
tFAST
tDRIVE
tOFF
tOFF
Figure 7-13. Mixed Decay Mode
Mixed decay begins as fast decay for a fixed initial duration of the tOFF time (30% or 60%), followed by slow
decay for the remainder of tOFF time. Following points should be considered when selecting mixed decay mode -
• This mode exhibits ripple larger than slow decay.
• On decreasing current steps, mixed decay settles to the new ITRIP level faster than slow decay.
• In cases where current is held at the same level for a long time (no STEP input), or at very low stepping
speeds, mixed decay allows the current to stay in regulation when no back-EMF is present across the motor
windings.
• Fixed 30% or 60% mixed decay schemes can result in repeated patterns in current regulation that fall in the
audible frequency range, resulting in a noisy motor operation.
7.3.9.3 Smart tune Dynamic Decay
The smart tunes are advanced current regulation schemes compared to traditional mixed decay modes. Smart
tune helps the stepper motor driver adjust the decay scheme based on changes in operating factors such as:
• Motor winding resistance and inductance
• Motor aging
• Motor dynamic speed and load
• Motor supply voltage variation
• Motor back-EMF difference on rising and falling steps
• Step transitions
• Low-current versus high-current dI/dt
The DRV8461 supports two different smart tune schemes - smart tune Dynamic Decay and smart tune Ripple
Control.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com