Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 63 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 63 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 59Page - Texas Instruments DRV8461SPWPR Datasheet HTML 60Page - Texas Instruments DRV8461SPWPR Datasheet HTML 61Page - Texas Instruments DRV8461SPWPR Datasheet HTML 62Page - Texas Instruments DRV8461SPWPR Datasheet HTML 63Page - Texas Instruments DRV8461SPWPR Datasheet HTML 64Page - Texas Instruments DRV8461SPWPR Datasheet HTML 65Page - Texas Instruments DRV8461SPWPR Datasheet HTML 66Page - Texas Instruments DRV8461SPWPR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
Figure 7-44 and Figure 7-45 show open-load detection in cases where coil A and coil B were opened
respectively. The open load detection time was selected to be 60 ms maximum, and the OL_MODE bit was
0b.
Traces from top to bottom: AOUT2, coil A current, coil B current, nFAULT
Figure 7-44. Coil A open-load detection
Traces from top to bottom: AOUT2, coil A current, coil B current, nFAULT
Figure 7-45. Coil B open-load detection
Note
• In silent step decay mode, open-load fault detection works only if the motor is in motion. If the
motor is in standstill, open-load detection is not supported.
• When open-load fault is detected -
– If ENABLE pin is changed from logic HIGH to Hi-Z on-the-fly, apply a nSLEEP reset pulse once
the open-load condition is removed.
– If OL_MODE is changed from 1b to 0b or EN_OL is changed from 1b to 0b, apply a clear faults
command once the open-load condition is removed.
• When the device is operating with auto-torque enabled, if open-load fault is detected, the coil
current goes to a value corresponding to TRQ_DAC.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com