Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 82 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 82 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 78Page - Texas Instruments DRV8461SPWPR Datasheet HTML 79Page - Texas Instruments DRV8461SPWPR Datasheet HTML 80Page - Texas Instruments DRV8461SPWPR Datasheet HTML 81Page - Texas Instruments DRV8461SPWPR Datasheet HTML 82Page - Texas Instruments DRV8461SPWPR Datasheet HTML 83Page - Texas Instruments DRV8461SPWPR Datasheet HTML 84Page - Texas Instruments DRV8461SPWPR Datasheet HTML 85Page - Texas Instruments DRV8461SPWPR Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
Table 7-51. CTRL11 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
TRQ_DAC[7:0]
R/W
11111111b
Determines the run current.
•
11111111b = 256/256 x 100%
•
11111110b = 255/256 x 100%
•
11111101b = 254/256 x 100%
•
11111100b = 253/256 x 100%
•
....................
•
00000000b = 1/256 x 100%
7.5.2.12 CTRL12 (address = 0x0F) [Default = 20h]
CTRL12 is shown in Figure 7-71 and described in Table 7-52.
Read/Write
Return to the Register Maps Table
Figure 7-71. CTRL12 Control Register
7
6
5
4
3
2
1
0
EN_STSL
TSTSL_FALL[3:0]
RSVD
R/W-0b
R/W-0100b
R/W-000b
Table 7-52. CTRL12 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7
EN_STSL
R/W
0b
0b = Standstill power saving mode disabled
1b = Standstill power saving mode enabled
6-3
TSTSL_FALL[3:0]
R/W
0100b
Controls the time it takes the current to reduce from TRQ_DAC
to ISTSL after TSTSL_DLY time has elapsed
•
0000b: fall time = 0
•
0001b: fall time for each current step = 1 ms
•
............
•
0100b: fall time for each current step = 4 ms
•
............
•
1111b: fall time for each current step = 15 ms
2-0
RSVD
R/W
000b
Reserved
7.5.2.13 CTRL13 (address = 0x10) [Default = 10h]
CTRL13 is shown in Figure 7-72 and described in Table 7-53.
Read/Write
Return to the Register Maps Table
Figure 7-72. CTRL13 Control Register
7
6
5
4
3
2
1
0
TSTSL_DLY[5:0]
VREF_INT_EN
RSVD
R/W-000100b
R/W-0b
R/W-0b
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
82
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com