Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 55 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 51Page - Texas Instruments DRV8461SPWPR Datasheet HTML 52Page - Texas Instruments DRV8461SPWPR Datasheet HTML 53Page - Texas Instruments DRV8461SPWPR Datasheet HTML 54Page - Texas Instruments DRV8461SPWPR Datasheet HTML 55Page - Texas Instruments DRV8461SPWPR Datasheet HTML 56Page - Texas Instruments DRV8461SPWPR Datasheet HTML 57Page - Texas Instruments DRV8461SPWPR Datasheet HTML 58Page - Texas Instruments DRV8461SPWPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 117 page
background image
7.3.19 Protection Circuits
The device is fully protected against supply undervoltage, charge pump undervoltage, output overcurrent, open
load, and device overtemperature events. In addition, when operating with SPI interface, the device is protected
against stall detection in the event of overload or end-of-line movement.
7.3.19.1 VM Undervoltage Lockout
If at any time the voltage on the VM pin falls below the UVLO falling threshold voltage:
• All the outputs are disabled (High-Z)
• The charge pump is disabled
• nFAULT is driven low
Normal operation resumes (motor driver and charge pump) when the VM voltage recovers above the UVLO
rising threshold voltage.
When operating with SPI interface, if the voltage on the VM pin falls below the UVLO falling threshold voltage,
but is above the VRST or VCC UVLO (shown in Figure 7-39) :
• SPI communication is available and the digital core of the device is active
• The FAULT and UVLO bits are made 1b
• The nFAULT pin is driven low
From this condition, if the VM voltage recovers above the UVLO rising threshold voltage:
• nFAULT pin is released (is pulled-up to the external voltage)
• The FAULT bit becomes 0b
• The UVLO bit remains latched 1b until cleared through the CLR_FLT bit or an nSLEEP reset pulse.
VRST UVLO reset
or VCC UVLO
VUVLO rising
VUVLO falling
Device Status
SPI available
Digital Alive
Outputs switching
CP enabled
UVLO, FAULT bits 0b*
nFAULT high
Time
VM Voltage
* FAULT bit will be 0b if no fault is present
** UVLO bit will be 1b till cleared by CLR_FLT or nSLEEP pulse
SPI available
Digital Alive
Outputs switching
CP enabled
UVLO bit 1b**
FAULT bit 0b*
nFAULT high
SPI available
Digital Alive
Outputs Hi-Z
CP disabled
UVLO, FAULT bits 1b
nFAULT low
Figure 7-39. Supply Voltage Ramp Profile
When the voltage on the VM pin falls below the VRST or VCC UVLO (shown in Figure 7-40) :
• SPI communication is unavailable and the digital core is shutdown
• The FAULT and UVLO bits are 0b
• The nFAULT pin is high
During a subsequent power-up, when the VM voltage exceeds the VRST voltage:
• The digital core comes alive
• UVLO bit stays at 0b
• The FAULT bit is made 1b
• The nFAULT pin is pulled low
• When the VM voltage exceeds the VM UVLO rising threshold
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com