Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 58 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 58 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 54Page - Texas Instruments DRV8461SPWPR Datasheet HTML 55Page - Texas Instruments DRV8461SPWPR Datasheet HTML 56Page - Texas Instruments DRV8461SPWPR Datasheet HTML 57Page - Texas Instruments DRV8461SPWPR Datasheet HTML 58Page - Texas Instruments DRV8461SPWPR Datasheet HTML 59Page - Texas Instruments DRV8461SPWPR Datasheet HTML 60Page - Texas Instruments DRV8461SPWPR Datasheet HTML 61Page - Texas Instruments DRV8461SPWPR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 117 page
background image
7.3.19.5 Stall Detection
When operating with the SPI interface, the DRV8461 supports stall detection.
Stepper motors have a distinct relation between the winding current, back-EMF, and mechanical torque load of
the motor, as shown in Figure 7-42. For an unloaded motor, the back-EMF is 90° out-of-phase with the winding
current. As motor load approaches the maximum torque capability of the motor for a given winding current, the
back-EMF will move in phase with the winding current. By detecting back-EMF phase shift between rising and
falling current quadrants of the motor current, the DRV8461 can detect a motor overload stall condition or an
end-of-line travel.
Figure 7-42. Stall Detection by Monitoring Motor Back-EMF
The Stall Detection algorithm is enabled when -
• The device is programmed to operate with the SPI interface (MODE = 1)
• The decay mode is programmed as smart tune Ripple Control (DECAY = 111b)
• EN_STL is 1b
• No fault condition exists (UVLO, OCP, OL, OTSD etc.).
The algorithm compares the back-EMF between the rising and falling current quadrants by monitoring PWM off
time and generates a parameter called torque count, represented by the TRQ_COUNT register. The comparison
is done in such a way that the TRQ_COUNT is largely independent of motor current, ambient temperature and
supply voltage. Motor stall can be detected even if the driver is operating in full step mode.
TRQ_COUNT is calculated as a running average from the most recent four electrical half-cycles. TRQ_COUNT
register is updated once every electrical half-cycle. The updated TRQ_COUNT is compared with the STALL_TH,
and if a stall condition is detected, stall fault will be reported and latched at the electrical half-cycle current zero
crossing.
For a lightly loaded motor, the TRQ_COUNT will be a non-zero value. As the motor approaches stall condition,
TRQ_COUNT will approach zero and can be used to detect stall condition.
• If anytime TRQ_COUNT falls below the stall threshold (represented by the STALL_TH register), the device
will detect a stall.
• STALL, STL and FAULT bits are latched 1b in the SPI register.
• The STL_REP bit controls how stall is reported.
– If STL_REP is 1b, the nFAULT pin will be driven low when a stall is detected.
– If STEL_REP is 0b, the nFAULT pin will stay high even if stall is detected.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
58
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com