Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 7Page - Texas Instruments DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments DRV8461SPWPR Datasheet HTML 10Page - Texas Instruments DRV8461SPWPR Datasheet HTML 11Page - Texas Instruments DRV8461SPWPR Datasheet HTML 12Page - Texas Instruments DRV8461SPWPR Datasheet HTML 13Page - Texas Instruments DRV8461SPWPR Datasheet HTML 14Page - Texas Instruments DRV8461SPWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
Typical values are at TA = 25°C and VVM = 24 V. All limits are over recommended operating conditions, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO,HYS
Undervoltage hysteresis
Rising to falling threshold
100
mV
VRST
VM UVLO reset
VCC = DVDD, SPI interface,
VM falling, device reset, no SPI
communications
3.4
V
VCPUV
Charge pump undervoltage
VCP falling
VVM + 2
V
IOCP
Overcurrent protection
Current through any FET
4.8
A
tOCP
Overcurrent detection delay
H/W Interface
2.2
μs
SPI Interface, TOCP = 0b
1.2
SPI Interface, TOCP = 1b
2.2
tRETRY
Overcurrent retry time
4.1
ms
tOL
Open load detection time
H/W Interface
60
ms
SPI Interface, OL_T = 00b
30
SPI Interface, OL_T = 01b
60
SPI Interface, OL_T = 10b
120
IOL
Open load current threshold
110
mA
TOTW
Overtemperature warning
SPI Interface, Die temperature TJ
135
150
165
°C
THYS_OTW
Overtemperature warning
hysteresis
SPI Interface, Die temperature TJ
20
°C
TOTSD
Thermal shutdown
Die temperature TJ
150
165
180
°C
THYS_OTSD
Thermal shutdown hysteresis
Die temperature TJ
20
°C
(1)
Guaranteed by design
6.5.1 SPI Timing Requirements
MIN
NOM
MAX
UNIT
tREADY
SPI ready, VM > VRST
1
ms
tSCLK
SCLK minimum period
100
ns
tSCLKH
SCLK minimum high time
50
ns
tSCLKL
SCLK minimum low time
50
ns
tSU_SDI
SDI input setup time
20
ns
tH_SDI
SDI input hold time
30
ns
tD_SDO
SDO output delay time, SCLK high to SDO valid, CL = 20 pF
30
ns
tSU_nSCS
nSCS input setup time
50
ns
tH_nSCS
nSCS input hold time
50
ns
tHI_nSCS
nSCS minimum high time before active low
2
µs
tDIS_nSCS
nSCS disable time, nSCS high to SDO high impedance
10
ns
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com