Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 2 Page - Texas Instruments

  DRV8461SPWPR Datasheet HTML 1Page - Texas Instruments DRV8461SPWPR Datasheet HTML 2Page - Texas Instruments DRV8461SPWPR Datasheet HTML 3Page - Texas Instruments DRV8461SPWPR Datasheet HTML 4Page - Texas Instruments DRV8461SPWPR Datasheet HTML 5Page - Texas Instruments DRV8461SPWPR Datasheet HTML 6Page - Texas Instruments DRV8461SPWPR Datasheet HTML 7Page - Texas Instruments DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 117 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 7
6.1 Absolute Maximum Ratings........................................ 7
6.2 ESD Ratings............................................................... 7
6.3 Recommended Operating Conditions.........................7
6.4 Thermal Information....................................................8
6.5 Electrical Characteristics.............................................8
6.6 Typical Characteristics.............................................. 13
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagram......................................... 16
7.3 Feature Description...................................................18
7.4 Programming............................................................ 67
7.5 Register Maps...........................................................71
8 Application and Implementation................................ 100
8.1 Application Information........................................... 100
8.2 Typical Application.................................................. 100
9 Thermal Considerations............................................. 105
9.1 Thermal Pad........................................................... 105
9.2 PCB Material Recommendation..............................105
10 Power Supply Recommendations............................106
10.1 Bulk Capacitance.................................................. 106
10.2 Power Supplies..................................................... 106
11 Layout......................................................................... 108
11.1 Layout Guidelines................................................. 108
11.2 Layout Example.................................................... 108
12 Device and Documentation Support........................109
12.1 Documentation Support........................................ 109
12.2 Receiving Notification of Documentation Updates109
12.3 Support Resources............................................... 109
12.4 Trademarks...........................................................109
12.5 Electrostatic Discharge Caution............................109
12.6 Glossary................................................................109
13 Mechanical, Packaging, and Orderable
Information.................................................................. 109
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
December 2022
*
Initial Release
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com